Electronic Components Datasheet Search
  English  ▼

X  

526232 Datasheet(PDF) 2 Page - Adels-Contact

Part # 526232
Description  LCS 75/ 3-2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

526232 Datasheet(HTML) 2 Page - Adels-Contact

  526232 Datasheet HTML 1Page - Adels-Contact 526232 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03/01/2020
Wall Thickness max.
2.5 mm
Housing Hole Diameter
M20
Internal Stripping Length
12.0 mm
External Stripping Length
17.0 mm
Tightening Torque Lock Nut
0,7 Nm
Tightening Torque Nozzle
0,7 Nm
Approbation EN60998
LCS75_EN60998_20181114_DEKRA_ENEC_71-105197_web.pdf
Accessories
ABK 75/ 3
526204



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com