Electronic Components Datasheet Search
  English  ▼

X  

CDB42448 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CDB42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42448 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CDB42448 Datasheet HTML 32Page - Cirrus Logic CDB42448 Datasheet HTML 33Page - Cirrus Logic CDB42448 Datasheet HTML 34Page - Cirrus Logic CDB42448 Datasheet HTML 35Page - Cirrus Logic CDB42448 Datasheet HTML 36Page - Cirrus Logic CDB42448 Datasheet HTML 37Page - Cirrus Logic CDB42448 Datasheet HTML 38Page - Cirrus Logic CDB42448 Datasheet HTML 39Page - Cirrus Logic CDB42448 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
DS648PP2
4.5.7 I/O Channel Allocation
Digital
Input/Output
Interface
Format
Analog Output/Input Channel Allocation
from/to Digital I/O
DAC_SDIN1
I²S, LJ, RJ
OLM
TDM
AOUT 1,2
AOUT 1,2,3,4,5,6
AOUT 1,2,3,4,5,6,7,8
DAC_SDIN2
I²S, LJ, RJ
OLM
TDM
AOUT 3,4
Not Used
Not Used
DAC_SDIN3
I²S, LJ, RJ
OLM
TDM
AOUT 5,6
Not Used
Not Used
DAC_SDIN4
I²S, LJ, RJ
OLM
TDM
AOUT 7,8
AOUT 7,8
Not Used
ADC_SDOUT1
I²S, LJ, RJ
OLM
TDM
AIN 1,2
AIN 1,2,3,4,5,6
AIN 1,2,3,4,5,6; (2 additional channels from AUX_SDIN)
ADC_SDOUT2
I²S, LJ, RJ
OLM
TDM
AIN 3,4
Not Used
Not Used
ADC_SDOUT3
I²S, LJ, RJ
OLM
TDM
AIN 5,6
Not Used
Not Used
Table 9. Serial Audio Interface Channel Allocations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com