Electronic Components Datasheet Search
  English  ▼

X  

CS61310-IL Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61310-IL
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310-IL Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61310-IL Datasheet HTML 8Page - Cirrus Logic CS61310-IL Datasheet HTML 9Page - Cirrus Logic CS61310-IL Datasheet HTML 10Page - Cirrus Logic CS61310-IL Datasheet HTML 11Page - Cirrus Logic CS61310-IL Datasheet HTML 12Page - Cirrus Logic CS61310-IL Datasheet HTML 13Page - Cirrus Logic CS61310-IL Datasheet HTML 14Page - Cirrus Logic CS61310-IL Datasheet HTML 15Page - Cirrus Logic CS61310-IL Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
CS61310
12
DS440F1 FEB ‘03
2.8
Local Loopback
In hardware mode, local loopback is selected by
setting the LLOOP pin high (CR1.6 = 1 in host
mode). Selecting local loopback causes clock and
data presented on TCLK, TPOS/TNEG (TDATA) to
be output at RCLK, RPOS/RNEG (RDATA). Local
loopback disconnects the RTIP/RRING inputs
from the line. Inputs to the transmitter are still
transmitted on TTIP and TRING, unless TAOS has
been selected in which case, AMI-encoded contin-
uous ones are transmitted at the TCLK frequency.
The receiver RTIP and RRING inputs are ignored
when local loopback is in effect.
2.9
Remote Loopback
Remote loopback is selected by setting the
RLOOP pin high in hardware mode (CR1.5 = 1 in
host mode). In remote loopback, the recovered
clock and data input on RTIP and RRING are sent
back out on the line via TTIP and TRING. Selecting
remote loopback overrides a TAOS request. The
recovered clock is also sent to RCLK, and the re-
covereddatais alsosent toRPOSand RNEGinbi-
polar
mode,
or
RDATA
in
unipolar
mode.
Simultaneous selection of local and remote loop-
back modes will cause a device reset to occur (see
Reset).
2.10
Network Loopback
Network Loopback (automatic remote loopback)
can be commanded from the network when the
Network Loopback detect function is enabled. In
Host Mode, Network Loopback (NLOOP) detection
is enabled by writing ones to TAOS, LLOOP, and
RLOOP, then clearing these three bits on a suc-
cessive write cycle. In hardware mode, Network
Loopback can be enabled by tying RLOOP to
RCLK or by setting TAOS, LLOOP, and RLOOP
high for at least 200 ns, and then low. Once en-
abled Network Loopback functionality will remain
in effect until RLOOP is activated or the device is
reset.
When NLOOP detection is enabled, the receiver
monitors the input data stream for the NLOOP data
patterns (00001 = enable, 001 = disable). When an
NLOOP enable data pattern is repeated for a min-
imum of five seconds (with less than 10E-3 BER),
the device initiates a remote loopback. Once Net-
work Loopback detection is enabled and activated
by the NLOOP data pattern, the loopback is identi-
cal to Remote Loopback initiated at the device.
NLOOP is reset if the disable pattern (001) is re-
ceived for 5 seconds, or by activation of RLOOP.
NLOOP is temporarily suspended by LLOOP, but
theNLOOP stateis not reset.
2.11
Alarm Indication Signal
The receiver sets the register bit, AIS, to “1” when
less than 9 zeros are detected out of 8192 bit peri-
ods. AIS returns to “0” upon the first read after the
AIS condition is removed, determined by 9 or more
zeros out of 8192 bit periods.
2.12
Serial Interface
In the Host Mode, pins 24 through 28 serve as a
microcontroller interface. On-chip registers can be
writtentovia theSDI pinorreadfrom via theSDO
pin at the clock rate determined by SCLK. Through
these registers, a host controller can be used to
control operational characteristics and monitor de-
vice status. The serial port read/write timing is in-
dependent of the system transmit and receive
timing.
Data transfers are initiated by taking the chip select
input, CS,low (CS must initially be high). Address
and input data bits are clocked in on the rising edge
of SCLK. The clock edge on which output data is
stable and valid is determined by CLKE as shown
in Table 2. Data transfers are terminated by setting
CS high. CS may go high no sooner than 50 ns af-
ter the rising edge of the SCLK cycle correspond-
ing to the last write bit. For a serial data read, CS
may go high any time to terminate the output and
set SDO to high impedance.
Figure 10 shows the timing relationships for data
transfers when CLKE = 0. When CLKE = 1, data bit
D7 is held until the falling edge of the 16th clock cy-
cle. When CLKE = 0, data bit D7 is held valid until
the rising edge of the 17th clock cycle. SDO goes
high-impedance after CS goes high or at the end of
theholdperiodof databit D7.
SDO goes to a high impedance state when not in
use. SDO and SDI may be tied together in applica-
tions where the host processor has a bi-directional
I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com