Electronic Components Datasheet Search
  English  ▼

X  

CS61581-IL Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS61581-IL
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581-IL Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS61581-IL Datasheet HTML 18Page - Cirrus Logic CS61581-IL Datasheet HTML 19Page - Cirrus Logic CS61581-IL Datasheet HTML 20Page - Cirrus Logic CS61581-IL Datasheet HTML 21Page - Cirrus Logic CS61581-IL Datasheet HTML 22Page - Cirrus Logic CS61581-IL Datasheet HTML 23Page - Cirrus Logic CS61581-IL Datasheet HTML 24Page - Cirrus Logic CS61581-IL Datasheet HTML 25Page - Cirrus Logic CS61581-IL Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
CS61581
22
DS211PP8
2.19
Control Register 3 (CR3): Address 0x14
QRSSPATH
When QRSSPATH = 0 the QRSS pattern will be output from the recovered data pins, RPOS,
RNEG (RDATA), and may be received at the transmitter inputs, TPOS, TNEG (TDATA). When
QRSSPATH = 1 the QRSS pattern will be output from the line transmitter and may be received
at the receiver.
E1_LH
E1 Long Haul
When E1_LH = 1 and SH/LH (CR2.0) = 0, the following functionality applies: Coder mode se-
lects HDB3 coding and decoding; when MATCHZ = 1, the output impedance of the transmitter
will be set to match impedances near 120
. ; the QRSS pattern is 215-1; the jitter attenuator is
adjusted for TBR12/13 compliance, with the knee in the frequency response at 1.25 Hz.
When E1_LH = 0 and SH/LH = 0, the following functionality applies: Coder mode selects B8ZS
coding and decoding; when MATCHZ = 1, the output impedance of the transmitter will be set to
match impedances near 100
. ; the QRSS pattern is 220-1; the jitter attenuator is adjusted for
AT&T 62411 compliance, with the knee in the frequency response at 4 Hz.
This bit is ignored if SH/LH = 1.
RST_QERR
Reset Data Pattern Error Count Register
Setting RST_QERR to “1” will clear the QRSS error count in the DPEC register.
This bit is automatically cleared and will read as “0.”
QDET
QRSS Detector Enable
When QDET = 1, the QRSS pattern detector is enabled. Errors detected and counted are stored
in the DPEC register (address 0x15).
INS_QERR
QRSS Error Insert
Setting INS_QERR to “1” and then “0” causes an error to be inserted in the output QRSS pat-
tern.
QSYNC/Test
QSYNC reads as “1” to indicate when the QRSS detector is synchronized to an input pattern.
QSYNC is only valid when QDET = 1 enabling the pattern detector.
When writing this register, this bit must be set to “0” for normal operation.
QGEN
QRSS Generator Enable
When QGEN = 1, the QRSS generator is enabled. The QRSS pattern is output at the
TTIP/TRING pins, or at the RPOS/RNEG (RDATA) pins, depending upon the state of the
QRSSPATH bit. Errors can be generated using the INS_QERR bit.
Test
Bit should be set to “0” for normal operation.
2.20
Data Pattern Error Count (DPEC): Address 0x15
DPEC[7:0]
Errors detected in the input QRSS pattern are counted and stored. This register saturates at
255 errors. The DPEC is cleared when the RST_QERR bit is written in the CR3 register.
7 (MSB)
6
5
4
3
2
1
0 (LSB)
QRSSPATH
E1_LH
RST_QERR
QDET
INS_QERR
QSYNC/Test
QGEN
Test
7 (MSB)
654321
0 (LSB)
DPEC.7
DPEC.6
DPEC.5
DPEC.4
DPEC.3
DPEC.2
DPEC.1
DPEC.0
CS61581
22
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com