Electronic Components Datasheet Search
  English  ▼

X  

CS61584A Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 46Page - Cirrus Logic CS61584A Datasheet HTML 47Page - Cirrus Logic CS61584A Datasheet HTML 48Page - Cirrus Logic CS61584A Datasheet HTML 49Page - Cirrus Logic CS61584A Datasheet HTML 50Page - Cirrus Logic CS61584A Datasheet HTML 51Page - Cirrus Logic CS61584A Datasheet HTML 52Page - Cirrus Logic CS61584A Datasheet HTML 53Page - Cirrus Logic CS61584A Datasheet HTML 54Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
CS61584A
50
DS261PP5
DS261PP5
13.2
Power Supply
As shown in Figure 27, the CS61584A operates
from a 3.3 Volt or 5.0 Volt supply. Separate power
and ground pins provide internal isolation. The best
way to configure the power supplies is to connect
all of the supply pins together at the device. The
various ground pins must not be more negative than
AGND. A 4.99 k
Ω ±1% resistor must be connected
from BGREF to ground to provide an internal cur-
rent reference.
De-coupling and filtering of the power supplies is
crucial for the proper operation of the analog cir-
cuits. A capacitor should be connected between
each supply and its respective ground. For capaci-
tors smaller than 1 µF, use mylar or ceramic capac-
itors and place them as close as possible to their
respective power supply pins. Wire-wrap bread
boarding of the line interface is not recommended
because lead resistance and inductance defeat the
function of the de-coupling capacitors.
13.3
Quartz Crystal Specifications
When a reference clock signal is not available, a
quartz crystal operating at the 8X rate can be con-
nected across the REFCLK and XTALOUT pins.
The crystal must be AT-cut and fundamental mode.
The
minimum
specifications
are
shown
in
Table 14. Based on these specifications, quartz
crystals suggested for use with the CS61584A are
shown in Table 15.
13.4
Crystal Oscillator Specifications
When a reference clock signal is not available, a
CMOS crystal oscillator operating at either the 1X
or 8X rate can be connected at the REFCLK pin.
The oscillator must have a minimum symmetry of
40-60% and minimum stability of ±100 ppm for T1
and E1 applications. Based on these specifications,
crystal oscillators suggested for use with the
Parameter
Min
Typ
Max
Unit
T1 parallel resonant
frequency
-
12.352
-
MHz
E1 parallel resonant
frequency
-
16.384
-
MHz
Resonant frequency
error (CL = 20 pF)
-50
-
+50
ppm
Temperature drift
(over system limits)
-100
-
+100
ppm
Drive level
-
-
500
µW
Series resistance
-
-
50
Ω
Shunt capacitance
-
-
7
pF
Aging
-5
-
+5
ppm/yr
Table 14. Quartz Crystal Specifications
Manufacturer
Part Number
Package Type
M-tron
397-316
ATS-49
through-hole
522-372
ATSM-49
surface mount
SaRonix
SRX5769
SRX5772
HC-49S
through-hole
SRX5770
SRX5773
49SMLB
surface mount
NOTE: Frequency tolerances are ±32 ppm with a -
40 to +85 °C operating temperature range.
Table 15. Suggested Quartz Crystals
Manufacturer
Part Number
Contact Number
Comclok
CT31CH
(800)333-9825
CTS
CXO-65HG-5-I (815)786-8411
M-tron
MH26TAD
(800)762-8800
SaRonix
NTH250A
(800)227-8974
NOTE: Frequency tolerances are ±32 ppm with a -
40 to +85 °C operating temperature range.
All are 8-pin DIP packages and can be tristated.
Table 16. Suggested Crystal Oscillators
CS61584A
50
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com