Electronic Components Datasheet Search
  English  ▼

X  

0805072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805072
Description  FRONT 2,5-H/SA 5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT 0805072 Datasheet HTML 5Page - PHOENIX CONTACT 0805072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 23, 2010
Extract from the online
catalog
 
FRONT 2,5-H/SA 5
Order No.: 1700008
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1700008
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 1, Type of connection: Screw connection,
Assembly: Soldering, Conductor/PCB connection direction: 0 °, Color:
green, The article can be aligned to create different nos. of positions!
 
Commercial data
EAN
4017918022693
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.003557 KG
Catalog page information
Page 550 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/18/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19.5 mm
Height
22 mm
Pitch
5 mm


Similar Part No. - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805072 PHOENIX-0805072 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0805072 PHOENIX-0805072 Datasheet
161Kb / 7P
MKDS 3/ 2
0805072 PHOENIX-0805072 Datasheet
138Kb / 6P
MKDS 3/ 3
0805072 PHOENIX-0805072 Datasheet
142Kb / 6P
MKDS 3/ 4
More results

Similar Description - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700781 PHOENIX-1700781 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 4
1701159 PHOENIX-1701159 Datasheet
123Kb / 5P
FRONT 2,5-H/SA 5-EX
1706510 PHOENIX-1706510 Datasheet
79Kb / 2P
FRONT 2,5-H/SA 5/ 3 BK (VE50)
1724660 PHOENIX-1724660 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 5
1724673 PHOENIX-1724673 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 8
1725850 PHOENIX-1725850 Datasheet
56Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5 BK
1732173 PHOENIX-1732173 Datasheet
78Kb / 2P
FRONT 2,5-H/SA 5/ 5 BK
1744109 PHOENIX-1744109 Datasheet
50Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 9
1868665 PHOENIX-1868665 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 2
1891975 PHOENIX-1891975 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com