Electronic Components Datasheet Search
  English  ▼

X  

CS4192 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS4192
Description  Single Air-Core Gauge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4192 Datasheet(HTML) 3 Page - ON Semiconductor

  CS4192 Datasheet HTML 1Page - ON Semiconductor CS4192 Datasheet HTML 2Page - ON Semiconductor CS4192 Datasheet HTML 3Page - ON Semiconductor CS4192 Datasheet HTML 4Page - ON Semiconductor CS4192 Datasheet HTML 5Page - ON Semiconductor CS4192 Datasheet HTML 6Page - ON Semiconductor CS4192 Datasheet HTML 7Page - ON Semiconductor CS4192 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS4192
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (–40
°C ≤ TJ ≤ 105°C; 7.5 V ≤ VBB ≤ 14 V, 4.5 V ≤ VCC ≤ 5.5 V;
unless otherwise specified. Note 2.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Voltages and Currents
VBB Quiescent Current
Output disabled (OE = 0 V)
[RCOS, RSIN = RL(MIN)] @ 45°
(code = X’080) VBB = 14 V
–
–
1.0
–
5.0
175
mA
mA
VCC Quiescent Current
OE, CS, DI = high, VBB = 0 V, SCLK = 2.0 MHz
–
–
1.15
mA
Digital Inputs and Outputs
Output High Voltage
SO, IOH = 0.8 mA
VCC – 0.8
–
–
V
Output Low Voltage
SO, IOL = 0.8 mA
ST, IOL = 2.5 mA
–
–
–
–
0.4
0.8
V
V
Output Off Leakage
ST, VCC = 5.0 V
–
–
25
µA
Input High Voltage
CS, SCLK, SI, OE
0.7
× VCC
–
–
V
Input Low Voltage
CS, SCLK, SI, OE
–
–
0.3
×
VCC
V
Input High Current
CS, SCLK, SI, OE; VIN = 0.7 × VCC
–
–
1.0
µA
Input Low Current
CS, SCLK, SI, OE; VIN = 0.3 × VCC
–
–
1.0
µA
Analog Outputs
Output Function Accuracy
–
–1.2
±0.5
+1.2
deg
Output Shutdown Current, Source
VBB = 14 V
70
125
250
mA
Output Shutdown Current, Sink
VBB = 14 V
70
125
250
m
Α
Output Shutdown Current, Source
VBB = 7.5 V
43
125
250
m
Α
Output Shutdown Current, Sink
VBB = 7.5 V
43
125
250
m
Α
Thermal Shutdown
–
–
170
–
°C
Thermal Shutdown Hysteresis
–
–
20
–
°C
Coil Drive Output Voltage
–
–
0.748
× VBB
–
V
Minimum Load Resistance
TA = 105°C
TA = 25°C
TA = –40°C
–
–
–
229
171
150
–
–
–
Ω
Ω
Ω
Shift Clock Frequency
–
–
–
2.0
MHz
SCLK High Time
–
175
–
–
ns
SCLK Low Time
–
175
–
–
ns
SO Rise Time
0.75 V to VCC – 1.2 V; CL = 90 pF
–
–
150
ns
SO Fall Time
0.75 V to VCC – 1.2 V; CL = 90 pF
–
–
150
ns
SO Delay Time
CL = 90 pF
–
–
150
ns
SI Setup Time
–
75
–
–
ns
SI Hold Time
–
75
–
–
ns
CS Setup Time
Note 3.
0
–
–
ns
CS Hold Time
–
75
–
–
ns
2. Designed to meet these characteristics over the stated voltage and temperature ranges, though may not be 100% parametrically tested
in production.
3. OE must be high at falling edge of CS. This condition ensures valid output for any given input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com