Electronic Components Datasheet Search
  English  ▼

X  

DP83848C Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83848C Datasheet HTML 45Page - National Semiconductor (TI) DP83848C Datasheet HTML 46Page - National Semiconductor (TI) DP83848C Datasheet HTML 47Page - National Semiconductor (TI) DP83848C Datasheet HTML 48Page - National Semiconductor (TI) DP83848C Datasheet HTML 49Page - National Semiconductor (TI) DP83848C Datasheet HTML 50Page - National Semiconductor (TI) DP83848C Datasheet HTML 51Page - National Semiconductor (TI) DP83848C Datasheet HTML 52Page - National Semiconductor (TI) DP83848C Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
49
www.national.com
7.2 Extended Registers
7.2.1 PHY Status Register (PHYSTS)
This register provides a single location within the register set for quick access to commonly accessed information.
Table 20. PHY Status Register (PHYSTS), address 0x10
Bit
Bit Name
Default
Description
15
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
14
MDI-X mode
0, RO
MDI-X mode as reported by the Auto-Negotiation logic:
This bit will be affected by the settings of the MDIX_EN and
FORCE_MDIX bits in the PHYCR register. When MDIX is en-
abled, but not forced, this bit will update dynamically as the
Auto-MDIX algorithm swaps between MDI and MDI-X configu-
rations.
1 = MDI pairs swapped
(Receive on TPTD pair, Transmit on TPRD pair)
0 = MDI pairs normal
(Receive on TRD pair, Transmit on TPTD pair)
13
Receive Error Latch
0, RO/LH
Receive Error Latch:
This bit will be cleared upon a read of the RECR register.
1 = Receive error event has occurred since last read of RXERCNT
(address 0x15, Page 0).
0 = No receive error event has occurred.
12
Polarity Status
0, RO
Polarity Status:
This bit is a duplication of bit 4 in the 10BTSCR register. This bit will
be cleared upon a read of the 10BTSCR register, but not upon a
read of the PHYSTS register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
11
False Carrier Sense
Latch
0, RO/LH
False Carrier Sense Latch:
This bit will be cleared upon a read of the FCSR register.
1 = False Carrier event has occurred since last read of FCSCR (ad-
dress 0x14).
0 = No False Carrier event has occurred.
10
Signal Detect
0, RO/LL
100Base-TX unconditional Signal Detect from PMD.
9
Descrambler Lock
0, RO/LL
100Base-TX Descrambler Lock from PMD.
8
Page Received
0, RO
Link Code Word Page Received:
This is a duplicate of the Page Received bit in the ANER register,
but this bit will not be cleared upon a read of the PHYSTS register.
1 = A new Link Code Word Page has been received. Cleared on
read of the ANER (address 0x06, bit 1).
0 = Link Code Word Page has not been received.
7
MII Interrupt
0, RO
MII Interrupt Pending:
1 = Indicates that an internal interrupt is pending. Interrupt source
can be determined by reading the MISR Register (0x12h). Reading
the MISR will clear the Interrupt.
0= No interrupt pending.
6
Remote Fault
0, RO
Remote Fault:
1 = Remote Fault condition detected (cleared on read of BMSR (ad-
dress 01h) register or by reset). Fault criteria: notification from Link
Partner of Remote Fault via Auto-Negotiation.
0 = No remote fault condition detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com