Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  ZFKKDS 1,5-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
ZFKKDS 1,5-5,08
Order No.: 1704402
The illustration shows an 10-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1704402
 
 
PC terminal block, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 1, Type of connection: Spring-cage
conn., Assembly: Soldering, Conductor/PCB connection direction: 45
°, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
EAN
4017918116644
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00295 KG
Catalog page information
Page 45 (CC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Number of positions
1
Pin dimensions
0,7 x 1 mm


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
142Kb / 6P
SMKDS 2,5/ 2-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706701 PHOENIX-1706701 Datasheet
138Kb / 5P
ZFKDS 1,5-5,08
1715789 PHOENIX-1715789 Datasheet
143Kb / 6P
MKDS 1,5/ 8-5,08
1725038 PHOENIX-1725038 Datasheet
136Kb / 5P
MKKDS 1,5/ 2-5,08
1729157 PHOENIX-1729157 Datasheet
160Kb / 6P
MKDSN 1,5/ 5-5,08
1729212 PHOENIX-1729212 Datasheet
160Kb / 6P
MKDSN 1,5/11-5,08
1801133 PHOENIX-1801133 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDS 2,5-5,08 BK
1801134 PHOENIX-1801134 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDS 2,5-5,08 L BK
1870925 PHOENIX-1870925 Datasheet
42Kb / 2P
PCB terminal block - ZFKKDS 1,5-5,08 BK
1889301 PHOENIX-1889301 Datasheet
159Kb / 5P
ZFKKDS 1,5C-5,0
1905023 PHOENIX-1905023 Datasheet
133Kb / 5P
ZFKKDS 2,5-5,08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com