Electronic Components Datasheet Search
  English  ▼

X  

LM32 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Dual Thermal Diode Temperature Sensor with SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM32 Datasheet HTML 1Page - National Semiconductor (TI) LM32 Datasheet HTML 2Page - National Semiconductor (TI) LM32 Datasheet HTML 3Page - National Semiconductor (TI) LM32 Datasheet HTML 4Page - National Semiconductor (TI) LM32 Datasheet HTML 5Page - National Semiconductor (TI) LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM32
Dual Thermal Diode Temperature Sensor with
SensorPath™ Bus
General Description
The LM32 is a digital temperature sensor that measures 3
temperature zones and has a single-wire interface compat-
ible with National Semiconductor’s SensorPath bus. Sensor-
Path data is pulse width encoded, thereby allowing the LM32
to be easily connected to many general purpose micro-
controllers. Several National Semiconductor Super I/O prod-
ucts include a fully integrated SensorPath master, that when
connected to an LM32 can realize a hardware monitor func-
tion that includes limit checking for measured values, au-
tonomous fan speed control and many other functions.
The LM32 measures the temperature of its own die as well
as two external devices such as a processor thermal diode
or a diode connected transistor. The LM32 can resolve tem-
peratures up to 255˚C and down to -256˚C. The operating
temperature range of the LM32 is 0˚C to +125˚C. The ad-
dress programming pin allows two LM32s to be placed on
one SensorPath bus.
Features
n
SensorPath Interface
— 2 hardware programmable addresses
n
2 remote diode temperature sensor zones
n
Internal local temperature zone
n
0.5 ˚C resolution
n
Measures temperatures up to 140 ˚C
n
14-lead TSSOP package
Key Specifications
n
Temperature Sensor Accuracy
±3 ˚C (max)
n
Temperature Range:
— LM32 junction
0 ˚C to +85 ˚C
— Remote Temp Accuracy
0 ˚C to +100 ˚C
n
Power Supply Voltage
+3.0 V to +3.6 V
n
Average Power Supply Current
0.5 mA (typ)
n
Conversion Time (all Channels)
22.5ms to 1456ms
Applications
n
Microprocessor based equipment
(Motherboards, Video Cards, Base-stations, Routers,
ATMs, Point of Sale, …)
n
Power Supplies
Typical Application
20071101
SensorPath™ is a trademark of National Semiconductor Corporation
May 2004
© 2004 National Semiconductor Corporation
DS200711
www.national.com


Similar Part No. - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
281Kb / 14P
Precision Timers
LM32 NSC-LM32 Datasheet
210Kb / 8P
3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
237Kb / 9P
Low Power Single Op Amp
LM32 NSC-LM32 Datasheet
222Kb / 8P
Dual Voltage Regulator
More results

Similar Description - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM40 NSC-LM40 Datasheet
369Kb / 27P
Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
LM41 NSC-LM41 Datasheet
367Kb / 27P
Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
SMSC Corporation
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
1C Temperature Sensor with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
Hardware Monitor with Thermal Diode Input and SensorPath??Bus
logo
SMSC Corporation
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
1째C Temperature Sensor with Hardware Thermal Shutdown
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
logo
SMSC Corporation
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
1째C Temperature Sensor with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com