Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  SMKDS 2,5/ 2-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 19, 2010
Extract from the online
catalog
 
SMKDS 2,5/ 2-5,08
Order No.: 1705469
The illustration shows the 3-position version.
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1705469
 
 
PC terminal block, Nominal current: 20 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Type of connection: Screw
connection, Assembly: Soldering, Conductor/PCB connection
direction: 40 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918144487
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.004916 KG
Catalog page information
Page 71 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
14.25 mm
Pitch
5.08 mm
Dimension a
5.08 mm


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701626 PHOENIX-1701626 Datasheet
43Kb / 3P
PCB terminal block - SMKDS 2,5/ 9-5,08
1702558 PHOENIX-1702558 Datasheet
62Kb / 5P
PCB terminal block - SMKDS 2,5/ 5-5,08
1705472 PHOENIX-1705472 Datasheet
146Kb / 6P
SMKDS 2,5/ 3-5,08
1713723 PHOENIX-1713723 Datasheet
141Kb / 6P
SMKDS 3/ 2-5,08
1736777 PHOENIX-1736777 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 6-5,08
1736780 PHOENIX-1736780 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/10-5,08
1766174 PHOENIX-1766174 Datasheet
62Kb / 5P
PCB terminal block - SMKDS 2,5/ 7-5,08
1905308 PHOENIX-1905308 Datasheet
62Kb / 4P
PCB terminal block - SMKDS 2,5/ 2-5,08 BU PIN4,5
1931592 PHOENIX-1931592 Datasheet
57Kb / 4P
PCB terminal block - SMKDS 2,5/ 2-5,08 BK
1995664 PHOENIX-1995664 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 4-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com