Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  SMKDS 2,5/ 3-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 31, 2011
Extract from the online
catalog
 
SMKDS 2,5/ 3-5,08
Order No.: 1705472
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1705472
 
 
PC terminal block, Nominal current: 20 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 3, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
40 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
144494
sales group
E017
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 71 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
14.25 mm
Pitch
5.08 mm


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1705469 PHOENIX-1705469 Datasheet
142Kb / 6P
SMKDS 2,5/ 2-5,08
1713040 PHOENIX-1713040 Datasheet
139Kb / 5P
SMKDS 3/ 4-5,08
1713723 PHOENIX-1713723 Datasheet
141Kb / 6P
SMKDS 3/ 2-5,08
1713736 PHOENIX-1713736 Datasheet
141Kb / 6P
SMKDS 3/ 3-5,08
1736780 PHOENIX-1736780 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/10-5,08
1809597 PHOENIX-1809597 Datasheet
51Kb / 3P
SMKDS 3/ 9-5,08
1809607 PHOENIX-1809607 Datasheet
51Kb / 3P
SMKDS 3/15-5,08
1809610 PHOENIX-1809610 Datasheet
51Kb / 3P
SMKDS 3/18-5,08
1892372 PHOENIX-1892372 Datasheet
60Kb / 4P
PCB terminal block - SMKDS 2,5/ 3-5,08 BK
1995664 PHOENIX-1995664 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 4-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com