Electronic Components Datasheet Search
  English  ▼

X  

ON1024 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ON1024
Description  Photo lnterrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON1024 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ON1024 Datasheet HTML 1Page - Panasonic Semiconductor ON1024 Datasheet HTML 2Page - Panasonic Semiconductor ON1024 Datasheet HTML 3Page - Panasonic Semiconductor ON1024 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CNZ1021, CNZ1023, CNA1009H
SHG00017BED
■ Absolute Maximum Ratings T
a = 25°C
50
Ω
R
L
V
CC
Sig. out
10%
90%
Sig. in
t
r
t
f
(Input pulse)
(Output pulse)
t
r : Rise time
t
f : Fall time
Parameter
Symbol
Rating
Unit
Input (Light
Reverse
CNZ1021
VR
3V
emitting diode) voltage
CNZ1023
3
CNA1009H
5
Forward current
IF
50
mA
Power dissipation *
1
PD
75
mW
Output (Photo Collector-emitter voltage
VCEO
30
V
transistor)
(Base open)
Emitter-collector voltage
VECO
5V
(Base open)
Collector current
IC
20
mA
Collector power dissipation *
2
PC
100
mW
Temperature
Operating ambient temperature
Topr
−25 to +85
°C
Storage temperature
Tstg
−40 to +100
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input
Forward voltage
VF
IF
= 20 mA
1.25
1.40
V
characteristics Reverse current
IR
VR = 3 V
10
µA
Output
Collector-emitter cutoff current
ICEO
VCE
= 10 V
10
200
nA
characteristics (Base open)
Transfer
Collector current
IC
VCC = 5 V, IF = 20 mA, RL = 100 Ω
0.5
15.0
mA
characteristics Collector-emitter saturation voltage V
CE(sat)
IF
= 40 mA, I
C
= 1 mA
0.4
V
Rise time *
tr
VCC = 5 V, IC = 1 mA
5
µs
Fall time *
tf
RL = 100 Ω
5
µs
■ Electrical-Optical Characteristics T
a
= 25°C ± 3°C
Note) 1. Input and output are practiced by electricity.
2. This device is designed be disregarded radiation.
3. *: Switching time measurement circuit
Note) *1: Input power derating ratio is 1.0 mW/
°C at T
a ≥ 25°C.
*2: Output power derating ratio is 1.33 mW/
°C at T
a ≥ 25°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com