Electronic Components Datasheet Search
  English  ▼

X  

TVR32112KB Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # TVR32112KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32112KB Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button TVR32112KB Datasheet HTML 25Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 26Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 27Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 28Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 29Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 30Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 31Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 32Page - List of Unclassifed Manufacturers TVR32112KB Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 29/43
Unit: mm
Disc Ø
Dimensions
D max.
L min.
dnor.
Pnor.
14
18.0
30
0.8±0.02
7.5±1
DIMENSION
ZINC OXIDE VARISTOR
140Ø SERIES D-SERIES
SPECIFICATION
Part
Normal
Max.
Max.
Max. Peak
Rated
Max.
Reference
Number
Varistor
Allowable
Clamping
Current
Power
Energy
Capacitance
Voltage
Voltage
Voltage
(8/20µs)
(W)
@lmADC
AC rms
DC
@50A
1time
2times
10/1000µs
@1KHZ
‘
(V)
(V)
(8/20µs)
(A)
(A)
(J)
(pf)
(V)
TVR14201
200
130
170
340
6500
5000
0.6
70
1000
TVR14221
220
140
180
360
6500
5000
0.6
78
1000
TVR14241
240
150
200
395
6500
5000
0.6
84
900
TVR14271
270
175
225
455
6500
5000
0.6
100
750
TVR14301
300
195
250
500
6000
5000
0.6
110
680
TVR14331
330
215
275
550
6000
5000
0.6
120
620
TVR14361
360
230
300
595
6000
5000
0.6
135
550
TVR14391
390
250
320
650
6000
5000
0.6
145
520
TVR14431
430
275
350
710
6000
5000
0.6
160
500
TVR14471
470
300
385
775
6000
5000
0.6
175
480
TVR14511
510
320
410
845
6000
5000
0.6
190
440
TVR14561
560
350
450
930
6000
5000
0.6
205
400
TVR14621
620
395
510
1020
6000
5000
0.6
215
330
TVR14681
680
420
560
1120
6000
5000
0.6
225
320
TVR14751
750
465
615
1235
6000
5000
0.6
230
310
TVR14821
820
510
670
1355
6000
5000
0.6
240
280
TVR14911
910
550
745
1500
6000
5000
0.6
255
250
TVR14102
1000
625
825
1650
6000
5000
0.6
290
230
TVR14112
1100
680
895
1815
6000
5000
0.6
310
210
Operating Temperature: -40ºC~85ºC
Storage Temperature: -40ºC~125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com