Electronic Components Datasheet Search
  English  ▼

X  

MAX20075ATCB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20075ATCB
Description  36V, 600mA/1.2A Mini Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20075ATCB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20075ATCB Datasheet HTML 1Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 2Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 3Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 4Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 5Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 6Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 7Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 8Page - Maxim Integrated Products MAX20075ATCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SUP .......................................................................-0.3V to +40V
EN............................................................. -0.3V to VSUP + 0.3V
BST to LX (Note 1)................................................................+6V
BST........................................................................-0.3V to +45V
FB.............................................................-0.3V to VBIAS + 0.3V
SYNC........................................................-0.3V to VBIAS + 0.3V
SPS ..........................................................-0.3V to VBIAS + 0.3V
OUT.......................................................................-0.3V to +18V
PGOOD ...................................................................-0.3V to +6V
PGND to AGND....................................................-0.3V to +0.3V
BIAS .....................................................................-0.3V to +6.0V
OUT Short-Circuit Duration ......................................Continuous
ESD Protection
Human Body Model ........................................................±2kV
Continuous Power Dissipation (TA = +70°C)
12-pin TDFN/SW TDFN
(derate 24.4mW/°C above +70°C) ............................1951mW
Operating Junction Temperature (Note 5)........ -40°C to +150°C
Storage Temperature Range............................ -65°C to +150°C
Junction Temperature......................................................+150°C
Lead Temperature (Soldering, 10s).................................+300°C
Soldering Temperature (Reflow)......................................+260°C
MAX20075/MAX20076/
MAX25276
36V, 600mA/1.2A Mini Buck Converter
www.maximintegrated.com
Maxim Integrated │ 2
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a 4-layer board. For
detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Note 1: LX has internal clamp diodes to PGND/AGND and SUP. Applications that forward bias these diodes should take care not to
exceed the IC’s package power-dissipation limits.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Recommended Operating Conditions
PACKAGE TYPE: 12 TDFN-CU
Package Code
TD1233+2C
Outline Number
21-0664
Land Pattern Number
90-0397
PACKAGE TYPE: 12 SW TDFN
Package Code
TD1233Y+2C
Outline Number
21-100176
Land Pattern Number
90-100072
PACKAGE TYPE: 12 SW TDFN
Package Code
TD1233Y+3C
Outline Number
21-100284
Land Pattern Number
90-100072
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction to Ambient (θJA)
41°C/W
Junction to Case (θJC)
9°C/W
Parameter
Ambient temperature range
Conditions
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com