Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  ZFKDS 1,5-W-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
ZFKDS 1,5-W-5,08
Order No.: 1706714
The illustration shows an 8-position version, with and without actuation rocker
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1706714
 
 
PC terminal block, Nominal current: 16 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 1, Type of connection: Spring-cage
conn., Assembly: Soldering, Conductor/PCB connection direction: 45
°, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
EAN
4017918144746
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.001385 KG
Catalog page information
Page 99 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Number of positions
1
Pin dimensions
0,7 x 1 mm


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706701 PHOENIX-1706701 Datasheet
138Kb / 5P
ZFKDS 1,5-5,08
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753831 PHOENIX-1753831 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-14
1889178 PHOENIX-1889178 Datasheet
42Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 OG
1904969 PHOENIX-1904969 Datasheet
137Kb / 6P
PCB terminal block - ZFKDS 2,5-5,08
1905214 PHOENIX-1905214 Datasheet
99Kb / 4P
ZFKDS 2,5-5,08 L
1929083 PHOENIX-1929083 Datasheet
61Kb / 2P
ZFKDSA 1,5-W-5,08- 6
1932737 PHOENIX-1932737 Datasheet
43Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 GY
1935763 PHOENIX-1935763 Datasheet
52Kb / 2P
End cover - D-ZFKDS 1,5-C
09/11/2020
1764202 PHOENIX-1764202 Datasheet
214Kb / 7P
ZFKDS 1,5-5,08- 2 - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com