Electronic Components Datasheet Search
  English  ▼

X  

EC4558 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC4558
Description  Dual Channel Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EC4558 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC4558 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC4558 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
August 2003
Rev.1.0
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
+ 18
V
VEE
- 18
Differential Input Voltage
VID
± 30
V
Input Voltage
VIC
± 15
V
Power Dissipation
PD
DIP
500
mW
SOIC
800
Operating Temperature Range
TOP
-40 to 85
oC
Storage Temperature Range
TSTG
-40 to 125
oC
Parameter
Min
Max
Unit
Supply Voltage
± 4
± 18
V
Absolute Maximum Ratings (Note 1)
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40 to 85oC
EC4558M
4558M
Tube/Tape/Reel
DIP-8
EC4558P
EC4558P
Tube
Ordering Information
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
EC 4558 Y
Circuit Type
Package
P: DIP-8
M: SOIC-8
Dual Channel Operational Amplifiers
EC
4558



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com