Electronic Components Datasheet Search
  English  ▼

X  

0805056 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805056
Description  FRONT 1,5-V-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805056 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805056 Datasheet HTML 1Page - PHOENIX CONTACT 0805056 Datasheet HTML 2Page - PHOENIX CONTACT 0805056 Datasheet HTML 3Page - PHOENIX CONTACT 0805056 Datasheet HTML 4Page - PHOENIX CONTACT 0805056 Datasheet HTML 5Page - PHOENIX CONTACT 0805056 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FRONT 1,5-V-3,81
Order No.: 1707742
The illustration shows a combination as a 21-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1707742
 
 
PC terminal block, Nominal current: 17.5 A, Nom. voltage: 200 V,
Pitch: 3.81 mm, Number of positions: 1, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
90 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
125882
sales group
E053
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
02/24/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
15.9 mm
Pitch
3.81 mm
Number of positions
1
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.2 mm


Similar Part No. - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805056 PHOENIX-0805056 Datasheet
51Kb / 2P
Marker cards - SK 3.81/2.8: SO (CUSTOM PRTNG)
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 2-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 3-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 4-3,81
0805056 PHOENIX-0805056 Datasheet
151Kb / 5P
MKKDS 1/ 5-3,81
More results

Similar Description - 0805056

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1850673 PHOENIX-1850673 Datasheet
143Kb / 9P
Printed-circuit board connector - FRONT-MC 1,5/ 3-ST-3,81
1850709 PHOENIX-1850709 Datasheet
143Kb / 9P
Printed-circuit board connector - FRONT-MC 1,5/ 6-ST-3,81
1850851 PHOENIX-1850851 Datasheet
119Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/ 2-STF-3,81
1851038 PHOENIX-1851038 Datasheet
139Kb / 5P
FRONT-MC 1,5/20-STF-3,81
1850819 PHOENIX-1850819 Datasheet
108Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/17-ST-3,81
1850835 PHOENIX-1850835 Datasheet
108Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/19-ST-3,81
1850848 PHOENIX-1850848 Datasheet
156Kb / 5P
FRONT-MC 1,5/20-ST-3,81
1851009 PHOENIX-1851009 Datasheet
127Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/17-STF-3,81
1851025 PHOENIX-1851025 Datasheet
84Kb / 5P
Printed-circuit board connector - FRONT-MC 1,5/19-STF-3,81
1850945 PHOENIX-1850945 Datasheet
89Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/11-STF-3,81
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com