Electronic Components Datasheet Search
  English  ▼

X  

MPC92433 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MPC92433
Table 5. DC Characteristics (VCC = 3.3 V ± 5%, TJ = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS Control Inputs (M[9:0], N[2:0], ADDR[1:0], NB, P, CLK_STOPx, BYPASS, MR, REF_SEL, TEST_EN, PLOAD)
VIH
Input High Voltage
2.0
—
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
—
—
0.8
V
LVCMOS
IIN
Input Current(1)
—
—
±200
µA
VIN = VCC or GND
I2C Inputs (SCL, SDA)
VIH
Input High Voltage
2.0
—
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
—
—
0.8
V
LVCMOS
IIN
Input Current
—
—
±10
µA
LVCMOS Output (LOCK)
VOH
Output High Voltage
2.4
—
—
V
IOH = –4 mA
VOL
Output Low Voltage
—
—
0.4
V
IOL = 4 mA
I2C Open-Drain Output (SDA)
VOL
Input Low Voltage
—
—
0.4
V
IOL = 4 mA
Differential Clock Output QA, QB(2)
VOH
Output High Voltage
VCC – 1.05
—
VCC – 0.74
V
LVPECL
VOL
Output Low Voltage
VCC – 1.95
—
VCC – 1.60
V
LVPECL
VO(P-P)
Output Peak-to-Peak Voltage
0.5
0.6
1.0
V
Supply current
ICC_PLL Maximum PLL Supply Current
—
—
10
mA
VCC_PLL Pins
ICC
Maximum Supply Current
—
—
150
mA
All VCC Pins
1. Inputs have pull-down resistors affecting the input current.
2. Outputs terminated 50
Ω to VTT = VCC – 2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com