Electronic Components Datasheet Search
  English  ▼

X  

LM2471 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2471
Description  Monolithic Triple 4 ns High Swing CRT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2471 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2471 Datasheet HTML 2Page - National Semiconductor (TI) LM2471 Datasheet HTML 3Page - National Semiconductor (TI) LM2471 Datasheet HTML 4Page - National Semiconductor (TI) LM2471 Datasheet HTML 5Page - National Semiconductor (TI) LM2471 Datasheet HTML 6Page - National Semiconductor (TI) LM2471 Datasheet HTML 7Page - National Semiconductor (TI) LM2471 Datasheet HTML 8Page - National Semiconductor (TI) LM2471 Datasheet HTML 9Page - National Semiconductor (TI) LM2471 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Hints (Continued)
NSC DEMONSTRATION BOARD
Figure 11 is the schematic for the NSC LM126X_246X 11L
demonstration board that can be used to evaluate the
LM126X and LM2471 combination in a monitor. Figure 12
shows the routing and component placement on the NSC
demonstration board. This board provides a good example
of a layout that can be used as a guide for future layouts.
Note the location of the following components:
•
C19—V
CC bypass capacitor, located very close to pin 6
and ground pins
•
C20—V
BB bypass capacitors, located close to pin 10
and ground
•
C46, C47, C48 — V
CC bypass capacitors, near LM2471
and V
CC clamp diodes. Very important for arc protection.
The routing of the LM2471 outputs to the CRT is very critical
to achieving optimum performance. Figure 13 shows the
routing and component placement from pin 3 of the LM2471
to the red cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2471 to
the red cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D1, D2, R23 and D5 are placed
to minimize the size of the video nodes that they are at-
tached to. This minimizes parasitic capacitance in the video
path and also enhances the effectiveness of the protection
diodes. The anode of protection diode D1 is connected
directly to a section of the the ground plane that has a short
and direct path to the LM2471 ground pins. The cathode of
D2 is connected to V
CC very close to decoupling capacitor
C46 (see Figure 13) which is connected to the same section
of the ground plane as D1. The diode placement and routing
is very important for minimizing the voltage stress on the
LM2471 during an arcover event. Lastly, notice that S1 is
placed very close to the red cathode and is tied directly to
CRT ground.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com