Electronic Components Datasheet Search
  English  ▼

X  

0805072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805072
Description  MKDS 3/ 4 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
MKDS 3/ 4 BK
Order No.: 1710878
The illustration shows a combination as a 15-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1710878
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 4, Type of connection: Screw connection,
Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
black, The article can be aligned to create different nos. of positions!
 
Commercial data
GTIN (EAN)
4
017918
315351
sales group
E012
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CCA, CSA, CUL, SEV, UL


Similar Part No. - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805072 PHOENIX-0805072 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0805072 PHOENIX-0805072 Datasheet
161Kb / 7P
MKDS 3/ 2
0805072 PHOENIX-0805072 Datasheet
138Kb / 6P
MKDS 3/ 3
0805072 PHOENIX-0805072 Datasheet
142Kb / 6P
MKDS 3/ 4
More results

Similar Description - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701599 PHOENIX-1701599 Datasheet
80Kb / 2P
MKDS 3/ 3-5,08 BK ANGEZ.SCHR
1706468 PHOENIX-1706468 Datasheet
109Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 BK
1711042 PHOENIX-1711042 Datasheet
142Kb / 6P
MKDS 3/ 4
1712203 PHOENIX-1712203 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 2-5,08 BK
1712805 PHOENIX-1712805 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
1714243 PHOENIX-1714243 Datasheet
142Kb / 4P
MKDS 3/ 3 BK
1714942 PHOENIX-1714942 Datasheet
122Kb / 6P
PCB terminal block - MKDS 5/ 3-6,35 BK
1724592 PHOENIX-1724592 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 8 BK
1729069 PHOENIX-1729069 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4-5,08 BK
1989382 PHOENIX-1989382 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 5 BK (135)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com