Electronic Components Datasheet Search
  English  ▼

X  

0805072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805072
Description  MKDS 3/ 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT 0805072 Datasheet HTML 5Page - PHOENIX CONTACT 0805072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
MKDS 3/ 3
Order No.: 1711039
The illustration shows a 2-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1711039
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 3, Type of connection: Screw connection,
Assembly: Soldering, Conductor/PCB connection direction: 0 °, Color:
green, The article can be aligned to create different nos. of positions!
 
Commercial data
EAN
4017918023669
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.006063 KG
Catalog page information
Page 73 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
11.2 mm
Height
18 mm
Pitch
5 mm


Similar Part No. - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805072 PHOENIX-0805072 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0805072 PHOENIX-0805072 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0805072 PHOENIX-0805072 Datasheet
161Kb / 7P
MKDS 3/ 2
0805072 PHOENIX-0805072 Datasheet
142Kb / 6P
MKDS 3/ 4
More results

Similar Description - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701599 PHOENIX-1701599 Datasheet
80Kb / 2P
MKDS 3/ 3-5,08 BK ANGEZ.SCHR
1704936 PHOENIX-1704936 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
1711026 PHOENIX-1711026 Datasheet
161Kb / 7P
MKDS 3/ 2
1711042 PHOENIX-1711042 Datasheet
142Kb / 6P
MKDS 3/ 4
1711084 PHOENIX-1711084 Datasheet
157Kb / 4P
MKDS 3/ 8
1711123 PHOENIX-1711123 Datasheet
157Kb / 4P
MKDS 3/12
1711738 PHOENIX-1711738 Datasheet
140Kb / 6P
MKDS 3/ 3-5,08
1714243 PHOENIX-1714243 Datasheet
142Kb / 4P
MKDS 3/ 3 BK
1715035 PHOENIX-1715035 Datasheet
167Kb / 6P
MKDS 1,5/ 3
1889851 PHOENIX-1889851 Datasheet
86Kb / 3P
MKDS 1,5/ 3 BD:1-3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com