Electronic Components Datasheet Search
  English  ▼

X  

MP7523 Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7523
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7523 Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7523 Datasheet HTML 4Page - Exar Corporation MP7523 Datasheet HTML 5Page - Exar Corporation MP7523 Datasheet HTML 6Page - Exar Corporation MP7523 Datasheet HTML 7Page - Exar Corporation MP7523 Datasheet HTML 8Page - Exar Corporation MP7523 Datasheet HTML 9Page - Exar Corporation MP7523 Datasheet HTML 10Page - Exar Corporation MP7523 Datasheet HTML 11Page - Exar Corporation MP7523 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP7523/XRD7523
8
Rev. 3.00
16 LEAD EIAJ SMALL OUTLINE
(5.5 mm EIAJ SOP)
e
16
9
8
D
E
H
B
A
L
C
A1
Seating
Plane
α
A2
SYMBOL
MIN
MAX
MIN
MAX
A
1.80
2.40
0.071
0.095
A1
0.02
0.20
0.001
0.008
A2
1.80
2.20
0.079
0.087
B
0.30
0.50
0.012
0.020
C
0.13
0.20
0.005
0.008
D
9.9
10.5
0.390
0.414
E
5.30
5.70
0.209
0.224
e
1.27 BSC
0.050 BSC
H
7.80
8.20
0.307
0.323
L
0.30
0.90
0.012
0.035
α
0
°
15
°
0
°
15
°
INCHES
MILLIMETERS
1
Pin 1 Indexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com