Electronic Components Datasheet Search
  English  ▼

X  

V295ME01 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V295ME01
Description  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V295ME01 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V295ME01 Datasheet HTML 1Page - Z-Communications, Inc V295ME01 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
1E+3
10E+3
100E+3
V295ME01
Satellite Modems
Mobile Radios
Earthstations
5
19
0±3
294
0.75-4.25
5
-126
-10
<0
<0.5
400
50
-40 to 85
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (14 dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
MINI-16
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
Ω
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
294 296
-
MHz
• Frequency Range:
• Tuning Voltage: 0.75-4.25 Vdc
- Style Package
MINI-16
•
•
•
•
A1
Rev
•
AN-100/1 : Mounting and Grounding of VCOs
•
AN-102 : Proper Output Loading of VCOs
•
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
- 296
OFFSET (Hz)


Similar Part No. - V295ME01

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V295ME01 ZCOMM-V295ME01 Datasheet
88Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V295ME01 ZCOMM-V295ME01 Datasheet
86Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V295ME01 ZCOMM-V295ME01_10 Datasheet
88Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V295ME01 ZCOMM-V295ME01_14 Datasheet
86Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V295ME01

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0700E ZCOMM-CLV0700E Datasheet
94Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0798A ZCOMM-CLV0798A Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1000E ZCOMM-CLV1000E Datasheet
68Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1015E ZCOMM-CLV1015E Datasheet
69Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1085E ZCOMM-CLV1085E Datasheet
163Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1150L ZCOMM-CLV1150L Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1320E ZCOMM-CLV1320E Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1550E ZCOMM-CLV1550E Datasheet
162Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CRO2065B ZCOMM-CRO2065B Datasheet
48Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV0128A ZCOMM-SMV0128A Datasheet
140Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com