Electronic Components Datasheet Search
  English  ▼

X  

AD5258 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5258
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5258 Datasheet HTML 16Page - Analog Devices AD5258 Datasheet HTML 17Page - Analog Devices AD5258 Datasheet HTML 18Page - Analog Devices AD5258 Datasheet HTML 19Page - Analog Devices AD5258 Datasheet HTML 20Page - Analog Devices AD5258 Datasheet HTML 21Page - Analog Devices AD5258 Datasheet HTML 22Page - Analog Devices AD5258 Datasheet HTML 23Page - Analog Devices AD5258 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5258
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
Figure 47. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5258BRMZ11
1 k
–40°C to +85°C
MSOP-10
RM-10
D4K
AD5258BRMZ1-R71
1 k
–40°C to +85°C
MSOP-10
RM-10
D4K
AD5258BRMZ101
10 k
–40°C to +85°C
MSOP-10
RM-10
D4L
AD5258BRMZ10-R71
10 k
–40°C to +85°C
MSOP-10
RM-10
D4L
AD5258BRMZ501
50 k
–40°C to +85°C
MSOP-10
RM-10
D4M
AD5258BRMZ50-R71
50 k
–40°C to +85°C
MSOP-10
RM-10
D4M
AD5258BRMZ1001
100 k
–40°C to +85°C
MSOP-10
RM-10
D4N
AD5258BRMZ100-R71
100 k
–40°C to +85°C
MSOP-10
RM-10
D4N
AD5258EVAL2
Evaluation Board
1 Z = Pb-free part.
2 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com