Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803906
Description  MKDS 3/ 3 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
MKDS 3/ 3 BK
Order No.: 1714243
The illustration shows a combination as a 15-position version, in green
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1714243
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 3, Type of connection: Screw connection,
Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
black, The article can be aligned to create different nos. of positions!
 
Commercial data
GTIN (EAN)
4
017918
229863
sales group
E012
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CCA, CSA, CUL, SEV, UL


Similar Part No. - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0803906 PHOENIX-0803906 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0803906 PHOENIX-0803906 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0803906 PHOENIX-0803906 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0803906 PHOENIX-0803906 Datasheet
161Kb / 7P
MKDS 3/ 2
More results

Similar Description - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701599 PHOENIX-1701599 Datasheet
80Kb / 2P
MKDS 3/ 3-5,08 BK ANGEZ.SCHR
1706468 PHOENIX-1706468 Datasheet
109Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 BK
1710878 PHOENIX-1710878 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
1711039 PHOENIX-1711039 Datasheet
138Kb / 6P
MKDS 3/ 3
1711738 PHOENIX-1711738 Datasheet
140Kb / 6P
MKDS 3/ 3-5,08
1712203 PHOENIX-1712203 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 2-5,08 BK
1714942 PHOENIX-1714942 Datasheet
122Kb / 6P
PCB terminal block - MKDS 5/ 3-6,35 BK
1724592 PHOENIX-1724592 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 8 BK
1729069 PHOENIX-1729069 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4-5,08 BK
1989382 PHOENIX-1989382 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 5 BK (135)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com