Electronic Components Datasheet Search
  English  ▼

X  

0804374 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804374
Description  MKDS 5/ 3-6,35
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804374 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804374 Datasheet HTML 1Page - PHOENIX CONTACT 0804374 Datasheet HTML 2Page - PHOENIX CONTACT 0804374 Datasheet HTML 3Page - PHOENIX CONTACT 0804374 Datasheet HTML 4Page - PHOENIX CONTACT 0804374 Datasheet HTML 5Page - PHOENIX CONTACT 0804374 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
MKDS 5/ 3-6,35
Order No.: 1714968
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1714968
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 6.35 mm, Number of positions: 3, Type of connection: Screw
connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, The article can be aligned to create different nos. of
positions!
 
Commercial data
EAN
4017918024109
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00837 KG
Catalog page information
Page 315 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19.05 mm
Height
21.5 mm
Pitch
6.35 mm


Similar Part No. - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804374 PHOENIX-0804374 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
0804374 PHOENIX-0804374 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
0804374 PHOENIX-0804374 Datasheet
154Kb / 6P
MKKDS 5/ 3-6,35
0804374 PHOENIX-0804374 Datasheet
152Kb / 5P
SMKDS 5/ 2-6,35
0804374-0001 PHOENIX-0804374-0001 Datasheet
82Kb / 3P
SK 6,2/3,8:FORTL.ZAHLEN 1-10
More results

Similar Description - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706756 PHOENIX-1706756 Datasheet
123Kb / 6P
PCB terminal block - MKDS 5/ 4-6,35
1714939 PHOENIX-1714939 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
1714942 PHOENIX-1714942 Datasheet
122Kb / 6P
PCB terminal block - MKDS 5/ 3-6,35 BK
1714955 PHOENIX-1714955 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
1735082 PHOENIX-1735082 Datasheet
55Kb / 4P
PCB terminal block - MKDS 5/ 3-6,35 BD:4,5,3
1735095 PHOENIX-1735095 Datasheet
55Kb / 4P
PCB terminal block - MKDS 5/ 3-6,35 BD:6,7,8
1735105 PHOENIX-1735105 Datasheet
55Kb / 4P
PCB terminal block - MKDS 5/ 3-6,35 BD:A-2
1869965 PHOENIX-1869965 Datasheet
54Kb / 4P
PCB terminal block - MKDS 5/ 3-6,35 BK ANG.SCHR.
1713985 PHOENIX-1713985 Datasheet
129Kb / 9P
PCB terminal block - MKDS 5/ 5-6,35
09/11/2020
1713927 PHOENIX-1713927 Datasheet
301Kb / 10P
PCB terminal block - MKDS 5/ 8-6,35
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com