Electronic Components Datasheet Search
  English  ▼

X  

1714984 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1714984
Description  MKDS 5/ 3-9,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1714984 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1714984 Datasheet HTML 1Page - PHOENIX CONTACT 1714984 Datasheet HTML 2Page - PHOENIX CONTACT 1714984 Datasheet HTML 3Page - PHOENIX CONTACT 1714984 Datasheet HTML 4Page - PHOENIX CONTACT 1714984 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
MKDS 5/ 3-9,5
Order No.: 1714984
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1714984
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 690 V,
Pitch: 9.52 mm, Number of positions: 3, Type of connection: Screw
connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918024123
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00953 KG
Catalog page information
Page 315 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19.05 mm
Height
21.5 mm
Pitch
9.52 mm


Similar Part No. - 1714984

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1714984 INFINEON-1714984 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
1714984 INFINEON-1714984 Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
More results

Similar Description - 1714984

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1710755 PHOENIX-1710755 Datasheet
56Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 GY
1713914 PHOENIX-1713914 Datasheet
77Kb / 2P
MKDS 5/ 8-9,5
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
1718401 PHOENIX-1718401 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5/ 3-9,5 (13)
1870226 PHOENIX-1870226 Datasheet
55Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 A0 BK
1904257 PHOENIX-1904257 Datasheet
78Kb / 2P
MKDS 5/ 3-9,5 BU
1934858 PHOENIX-1934858 Datasheet
56Kb / 4P
PCB terminal block - MKDS 5/ 3-9,5 Z1L
1937813 PHOENIX-1937813 Datasheet
54Kb / 4P
PCB terminal block - MKDS 5/ 9-9,5 BG BD:NZ /-SCHR
1714926 PHOENIX-1714926 Datasheet
112Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 BK
11/04/2018
1713859 PHOENIX-1713859 Datasheet
330Kb / 10P
MKDS 5/11-9,5 - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com