Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  MKDS 1,5/12-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
MKDS 1,5/12-5,08
Order No.: 1715828
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1715828
 
 
PC terminal block, Nominal current: 17.5 A, Nom. voltage: 250
V, Pitch: 5.08 mm, Number of positions: 12, Type of connection:
Screw connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918024246
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.01695 KG
Catalog page information
Page 63 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
9.8 mm
Height
13.8 mm
Pitch
5.08 mm


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715129 PHOENIX-1715129 Datasheet
140Kb / 6P
MKDS 1,5/12
1715721 PHOENIX-1715721 Datasheet
142Kb / 6P
MKDS 1,5/ 2-5,08
1715747 PHOENIX-1715747 Datasheet
143Kb / 6P
MKDS 1,5/ 4-5,08
1715789 PHOENIX-1715789 Datasheet
143Kb / 6P
MKDS 1,5/ 8-5,08
1715802 PHOENIX-1715802 Datasheet
142Kb / 6P
MKDS 1,5/10-5,08
1715857 PHOENIX-1715857 Datasheet
115Kb / 3P
MKDS 1,5/ 3-5,08 BD:1-3
1715860 PHOENIX-1715860 Datasheet
86Kb / 3P
MKDS 1,5/ 4-5,08 BD:1-4
1715899 PHOENIX-1715899 Datasheet
86Kb / 2P
MKDS 1,5/10-5,08 BD:1-10
1872392 PHOENIX-1872392 Datasheet
86Kb / 3P
MKDS 1,5/ 2-5,08 BD:1,2
1701303 PHOENIX-1701303 Datasheet
422Kb / 12P
PCB terminal block - MKDS 1,5/16-5,08
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com