Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  MKDS 1,5/ 3-5,08 BD:1-3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 23, 2010
Extract from the online
catalog
 
MKDS 1,5/ 3-5,08 BD:1-3
Order No.: 1715857
The illustration shows a combination as a 15-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1715857
 
 
PC terminal block, Nominal current: 17.5 A, Nom. voltage: 250
V, Pitch: 5.08 mm, Number of positions: 3, Type of connection:
Screw connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918257903
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00448 KG
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CCA, CSA, CUL, GOST, SEV, UL


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715860 PHOENIX-1715860 Datasheet
86Kb / 3P
MKDS 1,5/ 4-5,08 BD:1-4
1715899 PHOENIX-1715899 Datasheet
86Kb / 2P
MKDS 1,5/10-5,08 BD:1-10
1718003 PHOENIX-1718003 Datasheet
91Kb / 3P
MKDS 1,5/ 5 BD:1- 5
1871526 PHOENIX-1871526 Datasheet
86Kb / 3P
MKDS 1,5/ 2 BD:1-2
1872392 PHOENIX-1872392 Datasheet
86Kb / 3P
MKDS 1,5/ 2-5,08 BD:1,2
1889851 PHOENIX-1889851 Datasheet
86Kb / 3P
MKDS 1,5/ 3 BD:1-3
1907089 PHOENIX-1907089 Datasheet
86Kb / 3P
MKDS 1,5/ 5-5,08 BD:1-5
1907238 PHOENIX-1907238 Datasheet
88Kb / 3P
MKDSN 2,5/ 3-5,08 BD:1-3
1928194 PHOENIX-1928194 Datasheet
86Kb / 3P
MKDS 1,5/ 4 BD:1-4
1813826 PHOENIX-1813826 Datasheet
116Kb / 6P
MKDS 1,5/ 3-5,08 BD:11-13
11/04/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com