Electronic Components Datasheet Search
  English  ▼

X  

C062 Datasheet(PDF) 17 Page - Kemet Corporation

Part # C062
Description  MILITARY SPECIFCATIONS ON BACK
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062 Datasheet(HTML) 17 Page - Kemet Corporation

Back Button C062 Datasheet HTML 13Page - Kemet Corporation C062 Datasheet HTML 14Page - Kemet Corporation C062 Datasheet HTML 15Page - Kemet Corporation C062 Datasheet HTML 16Page - Kemet Corporation C062 Datasheet HTML 17Page - Kemet Corporation C062 Datasheet HTML 18Page - Kemet Corporation C062 Datasheet HTML 19Page - Kemet Corporation C062 Datasheet HTML 20Page - Kemet Corporation C062 Datasheet HTML 21Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
17
KEMET
®
CERAMIC MOLDED/RADIAL – STANDARD
ULTRA-STABLE TEMPERATURE CHARACTERISTIC—C0G (NP0)
RATINGS & PART NUMBER REFERENCE
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT — C062 SIZE C0G
3,300.0
C062C332(4)2G5CA
3,900.0
C062C392(4)2G5CA
4,700.0
C062C472(4)2G5CA
5,600.0
C062C562(4)2G5CA
6,800.0
C062C682(4)2G5CA
8,200.0
C062C822(4)2G5CA
10,000.0
C062C103(4)2G5CA
100 VOLT — C062 SIZE C0G
5,600.0
C062C562(4)1G5CA
6,800.0
C062C682(4)1G5CA
8,200.0
C062C822(4)1G5CA
10,000.0
C062C103(4)1G5CA
12,000.0
C062C123(4)1G5CA
15,000.0
C062C153(4)1G5CA
18,000.0
C062C183(4)1G5CA
22,000.0
C062C223(4)1G5CA
200 VOLT — C512 SIZE C0G
12,000.0
C512C123(4)2G5CA
15,000.0
C512C153(4)2G5CA
18,000.0
C512C183(4)2G5CA
22,000.0
C512C223(4)2G5CA
27,000.0
C512C273(4)2G5CA
33,000.0
C512C333(4)2G5CA
39,000.0
C512C393(4)2G5CA
47,000.0
C512C473(4)2G5CA
56,000.0
C512C563(4)2G5CA
68,000.0
C512C683(4)2G5CA
100 VOLT — C512 SIZE C0G
27,000.0
C512C273(4)1G5CA
33,000.0
C512C333(4)1G5CA
39,000.0
C512C393(4)1G5CA
47,000.0
C512C473(4)1G5CA
56,000.0
C512C563(4)1G5CA
68,000.0
C512C683(4)1G5CA
82,000.0
C512C823(4)1G5CA
100,000.0
C512C104(4)1G5CA
200 VOLT — C522 SIZE C0G
82,000.0
C522C823(4)2G5CA
100,000.0
C522C104(4)2G5CA
100 VOLT — C522 SIZE C0G
120,000.0
C522C124(4)1G5CA
150,000.0
C522C154(4)1G5CA
180,000.0
C522C184(4)1G5CA
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT — C052 SIZE C0G
1.0
C052C109(1)2G5CA
1.5
C052C159(1)2G5CA
2.2
C052C229(1)2G5CA
2.7
C052C279(1)2G5CA
3.3
C052C339(1)2G5CA
3.9
C052C399(1)2G5CA
4.7
C052C479(1)2G5CA
5.6
C052C569(1)2G5CA
6.8
C052C689(1)2G5CA
8.2
C052C829(1)2G5CA
10.0
C052C100(2)2G5CA
12.0
C052C120(2)2G5CA
15.0
C052C150(2)2G5CA
18.0
C052C180(2)2G5CA
22.0
C052C220(2)2G5CA
27.0
C052C270(3)2G5CA
33.0
C052C330(3)2G5CA
39.0
C052C390(3)2G5CA
47.0
C052C470(3)2G5CA
56.0
C052C560(4)2G5CA
68.0
C052C680(4)2G5CA
82.0
C052C820(4)2G5CA
100.0
C052C101(4)2G5CA
120.0
C052C121(4)2G5CA
150.0
C052C151(4)2G5CA
180.0
C052C181(4)2G5CA
220.0
C052C221(4)2G5CA
270.0
C052C271(4)2G5CA
330.0
C052C331(4)2G5CA
390.0
C052C391(4)2G5CA
470.0
C052C471(4)2G5CA
560.0
C052C561(4)2G5CA
680.0
C052C681(4)2G5CA
820.0
C052C821(4)2G5CA
1,000.0
C052C102(4)2G5CA
1,200.0
C052C122(4)2G5CA
1,500.0
C052C152(4)2G5CA
1,800.0
C052C182(4)2G5CA
2,200.0
C052C222(4)2G5CA
2,700.0
C052C272(4)2G5CA
100 VOLT — C052 SIZE C0G
390.0
C052C391(4)1G5CA
470.0
C052C471(4)1G5CA
560.0
C052C561(4)1G5CA
680.0
C052C681(4)1G5CA
820.0
C052C821(4)1G5CA
1,000.0
C052C102(4)1G5CA
1,200.0
C052C122(4)1G5CA
1,500.0
C052C152(4)1G5CA
1,800.0
C052C182(4)1G5CA
2,200.0
C052C222(4)1G5CA
2,700.0
C052C272(4)1G5CA
3,300.0
C052C332(4)1G5CA
3,900.0
C052C392(4)1G5CA
4,700.0
C052C472(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as
follows:
(1) 1.0 pF to 8.2 pF: D— ±.5 pF
(2) 10.0 pF to 22 pF: J— ±5%, K— ±10%
(3) 27.0 pF to 47 pF: G— ±2%, J— ±5%, K— ±10%
(4) 56.0 pF and up: F— ±1%,G— ±2%, J— ±5%, K— ±10%
NOTE 1: Insert proper symbol for capacitance tolerance as
follows:
(1) 1.0 pF to 8.2 pF: D— ±.5 pF
(2) 10.0 pF to 22 pF: J— ±5%, K— ±10%
(3) 27.0 pF to 47 pF: G— ±2%, J— ±5%, K— ±10%
(4) 56.0 pF and up: F— ±1%,G— ±2%, J— ±5%, K— ±10%
0988 Layout rev
8/9/2000 9:54 AM
Page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com