Electronic Components Datasheet Search
  English  ▼

X  

0804374 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804374
Description  MKKDS 5/ 3-6,35
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804374 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804374 Datasheet HTML 1Page - PHOENIX CONTACT 0804374 Datasheet HTML 2Page - PHOENIX CONTACT 0804374 Datasheet HTML 3Page - PHOENIX CONTACT 0804374 Datasheet HTML 4Page - PHOENIX CONTACT 0804374 Datasheet HTML 5Page - PHOENIX CONTACT 0804374 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
MKKDS 5/ 3-6,35
Order No.: 1719044
The figure shows a 2-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1719044
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 6.35 mm, Number of positions: 3, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
122720
sales group
E510
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 321 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
28 mm
Pitch
6.35 mm


Similar Part No. - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804374 PHOENIX-0804374 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
0804374 PHOENIX-0804374 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
0804374 PHOENIX-0804374 Datasheet
156Kb / 6P
MKDS 5/ 3-6,35
0804374 PHOENIX-0804374 Datasheet
152Kb / 5P
SMKDS 5/ 2-6,35
0804374-0001 PHOENIX-0804374-0001 Datasheet
82Kb / 3P
SK 6,2/3,8:FORTL.ZAHLEN 1-10
More results

Similar Description - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1713949 PHOENIX-1713949 Datasheet
53Kb / 4P
PCB terminal block - MKKDS 5/ 3-6,35 Z1L
1714968 PHOENIX-1714968 Datasheet
156Kb / 6P
MKDS 5/ 3-6,35
1719028 PHOENIX-1719028 Datasheet
85Kb / 6P
PCB terminal block - MKKDS 5/ 3-9,5
1719031 PHOENIX-1719031 Datasheet
88Kb / 6P
PCB terminal block - MKKDS 5/ 2-6,35
1720046 PHOENIX-1720046 Datasheet
88Kb / 6P
PCB terminal block - SMKDS 5/ 3-6,35
1721029 PHOENIX-1721029 Datasheet
131Kb / 5P
MKKDS 3/ 2
1721032 PHOENIX-1721032 Datasheet
131Kb / 5P
MKKDS 3/ 3
1891894 PHOENIX-1891894 Datasheet
57Kb / 5P
PCB terminal block - MKKDS 5/ 3-6,35 ABGY
1907759 PHOENIX-1907759 Datasheet
71Kb / 5P
PCB terminal block - MKKDS 3/ 5-5,08
1990517 PHOENIX-1990517 Datasheet
55Kb / 4P
PCB terminal block - MKKDS 5/ 2-6,35 ABGY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com