Electronic Components Datasheet Search
  English  ▼

X  

124504 Datasheet(PDF) 1 Page - Adels-Contact

Part # 124504
Description  500 LRZ/ 4 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

124504 Datasheet(HTML) 1 Page - Adels-Contact

  124504 Datasheet HTML 1Page - Adels-Contact 124504 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
500 LRZ/ 4 DS
Terminal Block, 4 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Wire Protector (DS): yes,
Fixing: Catch Pin, Voltage Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
124504
Applications
Lighting, Installation, Electrical Appliances
PU
400
EAN
4028012106011
Type
Type
Terminal Block
Number of poles
4 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Catch Pin
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf


Similar Part No. - 124504

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1245041 PHOENIX-1245041 Datasheet
500Kb / 15P
CA-1RS1N8A90DNX - Coupler connector
1245042 PHOENIX-1245042 Datasheet
503Kb / 15P
CA-1RS1N8A9008X - Coupler connector
1245043 PHOENIX-1245043 Datasheet
448Kb / 14P
CA-1RS1N8A9007X - Coupler connector
1245044 PHOENIX-1245044 Datasheet
500Kb / 15P
CA-1RS1N8A9006X - Coupler connector
1245045 PHOENIX-1245045 Datasheet
497Kb / 15P
CA-1RP1N8A90DNX - Coupler connector
More results

Similar Description - 124504

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124501 ADELS-124501 Datasheet
117Kb / 2P
500 LRZ/ 1 DS
124502 ADELS-124502 Datasheet
117Kb / 2P
500 LRZ/ 2 DS
124505 ADELS-124505 Datasheet
119Kb / 2P
500 LRZ/ 5 DS
124506 ADELS-124506 Datasheet
120Kb / 2P
500 LRZ/ 6 DS
124507 ADELS-124507 Datasheet
121Kb / 2P
500 LRZ/ 7 DS
124508 ADELS-124508 Datasheet
121Kb / 2P
500 LRZ/ 8 DS
124510 ADELS-124510 Datasheet
123Kb / 2P
500 LRZ/10 DS
124511 ADELS-124511 Datasheet
122Kb / 2P
500 LRZ/11 DS
124512 ADELS-124512 Datasheet
123Kb / 2P
500 LRZ/12 DS
1245G4 ADELS-1245G4 Datasheet
119Kb / 2P
500 LRZ/ 4 DS GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com