Electronic Components Datasheet Search
  English  ▼

X  

124809 Datasheet(PDF) 1 Page - Adels-Contact

Part # 124809
Description  500 SK II/ 9
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

124809 Datasheet(HTML) 1 Page - Adels-Contact

  124809 Datasheet HTML 1Page - Adels-Contact 124809 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20/01/2020
Screw Connectors
500 SK II/ 9
Terminal Block, 9 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Fixing: Screw, Voltage
Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
124809
Applications
Lighting, Installation, Electrical Appliances
PU
200
Type
Type
Terminal Block
Number of poles
9 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
6.0 mm²
Protection Class
SK II
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 124809

ManufacturerPart #DatasheetDescription
logo
Heyco.
12480 HEYCO-12480 Datasheet
108Kb / 1P
Shorty Snap Rivets
logo
Adels-Contact
124801 ADELS-124801 Datasheet
117Kb / 2P
500 SK II/ 1
124802 ADELS-124802 Datasheet
117Kb / 2P
500 SK II/ 2
124802B ADELS-124802B Datasheet
117Kb / 2P
500 SK II/ 2 printed "L N"||" "1201158
500 SK II/ 3
124803 ADELS-124803 Datasheet
118Kb / 2P
500 SK II/ 3
20/01/2020
More results

Similar Description - 124809

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124801 ADELS-124801 Datasheet
117Kb / 2P
500 SK II/ 1
124802 ADELS-124802 Datasheet
117Kb / 2P
500 SK II/ 2
124803 ADELS-124803 Datasheet
118Kb / 2P
500 SK II/ 3
20/01/2020
124804 ADELS-124804 Datasheet
118Kb / 2P
500 SK II/ 4
20/01/2020
124806 ADELS-124806 Datasheet
119Kb / 2P
500 SK II/ 6
124807 ADELS-124807 Datasheet
119Kb / 2P
500 SK II/ 7
124829 ADELS-124829 Datasheet
112Kb / 2P
500 SK II/ 9 HT
1249G9M ADELS-1249G9M Datasheet
121Kb / 2P
500 SK II/ 9 MDS GW
124909M ADELS-124909M Datasheet
121Kb / 2P
500 SK II/ 9 MDS
124929M ADELS-124929M Datasheet
113Kb / 2P
500 SK II/ 9 MDS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com