Electronic Components Datasheet Search
  English  ▼

X  

0804374 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804374
Description  SMKDS 5/ 2-6,35
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804374 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804374 Datasheet HTML 1Page - PHOENIX CONTACT 0804374 Datasheet HTML 2Page - PHOENIX CONTACT 0804374 Datasheet HTML 3Page - PHOENIX CONTACT 0804374 Datasheet HTML 4Page - PHOENIX CONTACT 0804374 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Jan 31, 2011
Extract from the online
catalog
 
SMKDS 5/ 2-6,35
Order No.: 1720033
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1720033
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 6.35 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
35 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
024994
sales group
E510
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 319 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
18.5 mm
Pitch
6.35 mm


Similar Part No. - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804374 PHOENIX-0804374 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
0804374 PHOENIX-0804374 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
0804374 PHOENIX-0804374 Datasheet
156Kb / 6P
MKDS 5/ 3-6,35
0804374 PHOENIX-0804374 Datasheet
154Kb / 6P
MKKDS 5/ 3-6,35
0804374-0001 PHOENIX-0804374-0001 Datasheet
82Kb / 3P
SK 6,2/3,8:FORTL.ZAHLEN 1-10
More results

Similar Description - 0804374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720017 PHOENIX-1720017 Datasheet
87Kb / 5P
PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
1704496 PHOENIX-1704496 Datasheet
67Kb / 2P
SMKDS 5/ 3-6,35 Z1L BD:1-3
1710056 PHOENIX-1710056 Datasheet
75Kb / 5P
PCB terminal block - MKDSV 5/ 2-6,35
1714939 PHOENIX-1714939 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
1714955 PHOENIX-1714955 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
1719031 PHOENIX-1719031 Datasheet
88Kb / 6P
PCB terminal block - MKKDS 5/ 2-6,35
1720046 PHOENIX-1720046 Datasheet
88Kb / 6P
PCB terminal block - SMKDS 5/ 3-6,35
1720075 PHOENIX-1720075 Datasheet
55Kb / 4P
PCB terminal block - SMKDS 5/ 2-9,5 BK
1991927 PHOENIX-1991927 Datasheet
52Kb / 4P
PCB terminal block - SMKDS 5/ 3-6,35 Z1L BD:17-19
1991930 PHOENIX-1991930 Datasheet
52Kb / 4P
PCB terminal block - SMKDS 5/ 3-6,35 Z1L BD1,2,ERDE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com