Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  MK3DS 3/ 3-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT 0804303 Datasheet HTML 4Page - PHOENIX CONTACT 0804303 Datasheet HTML 5Page - PHOENIX CONTACT 0804303 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 24, 2010
Extract from the online
catalog
 
MK3DS 3/ 3-5,08
Order No.: 1723027
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1723027
 
 
PC terminal block, Nominal current: 17.5 A, Nom. voltage: 250
V, Pitch: 5.08 mm, Number of positions: 3, Type of connection:
Screw connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918025168
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.024455 KG
Catalog page information
Page 79 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
76Kb / 3P
ZFKDSA 2,5-6,08 R
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706426 PHOENIX-1706426 Datasheet
83Kb / 6P
PCB terminal block - MK3DS 1,5/ 3-5,08-BC
1723014 PHOENIX-1723014 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
1723373 PHOENIX-1723373 Datasheet
58Kb / 5P
PCB terminal block - MK3DS 3/ 3-5,08 ABGY
1723386 PHOENIX-1723386 Datasheet
58Kb / 5P
PCB terminal block - MK3DS 3/ 2-5,08 ABGY
1724026 PHOENIX-1724026 Datasheet
147Kb / 5P
MK3DS 1,5/ 3-5,08
1747669 PHOENIX-1747669 Datasheet
61Kb / 5P
PCB terminal block - MK3DS 1,5/ 3-5,08-BC BK
1868720 PHOENIX-1868720 Datasheet
80Kb / 5P
PCB terminal block - MK3DS 1,5/ 3-5,08-A-GNYE
1890620 PHOENIX-1890620 Datasheet
59Kb / 5P
PCB terminal block - MK3DS 1,5/ 3-5,08 BK
1891360 PHOENIX-1891360 Datasheet
75Kb / 5P
PCB terminal block - MK3DS 3/ 2-5,08 BK
1891373 PHOENIX-1891373 Datasheet
75Kb / 5P
PCB terminal block - MK3DS 3/ 3-5,08 BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com