Electronic Components Datasheet Search
  English  ▼

X  

ESM-101 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # ESM-101
Description  SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ESM-101 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ESM-101 Datasheet HTML 1Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
SUMIT (PCIe) Card
Dimensions
Specifications
Unit : mm/ inch
Order Information
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2016 Vecow Co., Ltd. All rights reserved.
ƒ
SUMIT A, B function compliant
ƒ
3 Mini PCIe support up to 3 SIM Socket
ƒ
Onboard 1 USB 2.0 Connector
ƒ
-25°C to 70°C Operating Temperature
ƒ
PCI Express compliant
ƒ
Optional supports External SIM Socket
ESM-100
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25°C to 70°C
ESM-100
SUMIT (PCIe) Expansion Card with 3 Mini PCIe, 3 SIM, 1 USB 2.0
ESM-101
SUMIT (PCIe) Expansion Card with 3 Mini PCIe, 3 External SIM, 1 USB 2.0
I/O Interface
Mini PCIe
3 Full Size Mini PCIe Slot
SIM Card
3 SIM Card Socket (Internal, optional supports
External I/O Type)
USB
1 USB 2.0 Connector
Mechanical
Dimensions
(W x L)
90mm x 96mm (3.5" x 3.8")
Weight
145 g
Environment
Operating
Temperature
-25°C to 70°C (-13°F to 158°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative Humidity
95% @ 70°C
EMC
CE, FCC
95,88 (3,77)
-25º 70º
SUMIT


Similar Part No. - ESM-101

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2S350MGS INVENTRONICS-ESM-1K2S350MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S350MX INVENTRONICS-ESM-1K2S350MX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S525MGS INVENTRONICS-ESM-1K2S525MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S525MX INVENTRONICS-ESM-1K2S525MX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S740MGS INVENTRONICS-ESM-1K2S740MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
More results

Similar Description - ESM-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EPHS-P1 ETC2-VL-EPHS-P1 Datasheet
669Kb / 2P
The VL-EPHs-P1 expansion module provides Mini PCIe socket expansion for any SUMIT-based embedded system.
logo
Protech Systems Co., Lt...
PSB-828LF PROTECHSYSTEMS-PSB-828LF Datasheet
854Kb / 2P
Expansion Slot for 1 x Mini PCIe
logo
Axiomtek Co., Ltd.
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
Easy for expansion: PCIe Mini Card
GOT5152T-832 AXIOMTEK-GOT5152T-832 Datasheet
689Kb / 2P
Easy for expansion: PCIe Mini Card
logo
AAEON Technology
FWS-2271 AAEON-FWS-2271 Datasheet
319Kb / 2P
Mini-Card Slot x 2 (USB Signal only with SIM Socket x 1)
logo
Vecow Co., Ltd.
FSM-710-BM2 VECOW-FSM-710-BM2 Datasheet
311Kb / 1P
SUMIT Expansion Card with 2 10GigE SFP Fiber LAN, 1 Mini PCIe Slot, 1 SIM Socket, 1 USB 2.0, -25째C to 55째C
LSM-100 VECOW-LSM-100 Datasheet
236Kb / 1P
SUMIT Expansion Card with 3 10/100/1000BASE-TX GigE LAN, -25째C to 85째C
LSM-550-AT2 VECOW-LSM-550-AT2 Datasheet
325Kb / 1P
SUMIT Expansion Card with 2 10GigE LAN, 1 Mini PCIe Slot, 1 SIM Socket, 1 USB 2.0, -25째C to 55째C
VSM-200 VECOW-VSM-200 Datasheet
234Kb / 1P
SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com