Electronic Components Datasheet Search
  English  ▼

X  

FHT070-30F Datasheet(PDF) 2 Page - Fuzetec Technology Co., Ltd.

Part # FHT070-30F
Description  Radial Leaded PTC Resettable Fuse : FHT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FHT070-30F Datasheet(HTML) 2 Page - Fuzetec Technology Co., Ltd.

  FHT070-30F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FHT070-30F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FHT070-30F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FHT070-30F Datasheet HTML 4Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ27-120E
Product Specification and Approval Sheet Version A0
Page
2/4
NOTE : Specification subject to change without notice.
2017/7/10
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping .
Physical specifications:
Lead material: FHT050-30F~FHT100-30F and FHT200-16F Tin plated copper, 24 AWG.
FHT300-16F~FHT1100-16F Tin plated copper, 20 AWG.
FHT1300-16F~FHT1500-16F Tin plated copper, 18 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy, meets UL-94V-0 requirement.
4. Production Dimensions (millimeter)
Fig.1
Fig.2
Fig.3
Fig.4
Lead Size :24AWG
Lead Size :24AWG
Lead Size : 20AWG
Lead Size : 18AWG
Φ0.51 mm Diameter
Φ0.51 mm Diameter
Φ 0.81 mm Diameter
Φ 1.00 mm Diameter
Part
Number
Figure
A
B
C
D
E
F
Maximum
Maximum
Typical
Minimum
Maximum
Typical
FHT050-30F
1
7.4
12.7
5.1
7.6
3.0
1.2
FHT070-30F
2
6.9
10.8
5.1
7.6
3.0
1.2
FHT100-30F
1
9.7
13.6
5.1
7.6
3.0
1.2
FHT200-16F
1
9.4
14.4
5.1
7.6
3.0
1.2
FHT300-16F
3
8.8
13.8
5.1
7.6
3.0
1.2
FHT400-16F
3
10.0
15.0
5.1
7.6
3.0
1.2
FHT450-16F
3
10.4
15.6
5.1
7.6
3.0
1.2
FHT550-16F
3
11.2
18.9
5.1
7.6
3.0
1.2
FHT600-16F
3
11.2
21.0
5.1
7.6
3.0
1.2
FHT650-16F
3
12.7
22.2
5.1
7.6
3.0
1.2
FHT700-16F
3
14.0
21.9
5.1
7.6
3.0
1.2
FHT750-16F
3
14.0
23.5
5.1
7.6
3.0
1.2
FHT800-16F
3
16.5
22.5
5.1
7.6
3.0
1.2
FHT900-16F
3
16.5
25.7
5.1
7.6
3.0
1.2
FHT1000-16F
3
17.5
26.5
10.2
7.6
3.0
1.2
FHT1100-16F
3
21.0
26.1
10.2
7.6
3.0
1.2
FHT1300-16F
4
23.5
28.7
10.2
7.6
3.6
1.4
FHT1400-16F
4
23.5
28.7
10.2
7.6
3.6
1.4
FHT1500-16F
4
23.5
28.7
10.2
7.6
3.6
1.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com