Electronic Components Datasheet Search
  English  ▼

X  

RBC9-192 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # RBC9-192
Description  UPS Replacement 192VDC Battery Cartridge Kit (2 sets of 8) for select Tripp Lite SmartOnline UPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC9-192 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC9-192 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC9-192 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
UPS Replacement 192VDC Battery Cartridge Kit
(2 sets of 8) for select Tripp Lite SmartOnline
UPS
MODEL NUMBER: RBC9-192
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications, and ships ready for installation into your UPS system.
Reusable packaging holds expired batteries for recycling center delivery. See Tripp Lite's UPS
replacement battery web page to confirm compatibility and quantity required.
COMPATIBLE WITH TRIPP LITE SU5000RT4U, SU6000RT4U and SU8000RT4U (See the Tripp Lite
RBC selector guide to verify compatibility with your UPS)
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite-certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leak-proof construction
q
Maintenance free
q
Wide operating temperature
range
q
OVERVIEW
UPC Code
037332128478
BATTERY
DC System Voltage (VDC)
192
Included Battery Set
Two pre-wired and assembled 8-battery string replacement battery cartridges
1 / 2


Similar Part No. - RBC9-192

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
RBC92-2U TRIPPLITE-RBC92-2U Datasheet
156Kb / 2P
2U UPS Replacement 24VDC Battery Cartridge (1 set of 2) for select Tripp Lite SmartPro UPS
RBC93-2U TRIPPLITE-RBC93-2U Datasheet
169Kb / 2P
2U UPS Replacement 36VDC Battery Cartridge (1 set of 3) for select Tripp Lite SmartPro UPS
RBC94-2U TRIPPLITE-RBC94-2U Datasheet
163Kb / 2P
2U UPS Replacement 48VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
More results

Similar Description - RBC9-192

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
RBC11A TRIPPLITE-RBC11A Datasheet
161Kb / 2P
UPS Replacement Battery Cartridge Kit (2 sets of 2) for select APC UPS
RBC12A TRIPPLITE-RBC12A Datasheet
162Kb / 2P
UPS Replacement Battery Cartridge Kit (2 sets of 4) for select APC UPS
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC58-2U TRIPPLITE-RBC58-2U Datasheet
155Kb / 2P
2U UPS Replacement 48VDC Battery Cartridge (2 sets of 4) for select Tripp Lite UPS systems
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
RBC5-192 TRIPPLITE-RBC5-192 Datasheet
157Kb / 2P
4U UPS Replacement 192VDC Battery Cartridge (1 set of 16) for select Tripp Lite SmartOnline UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
RBC58-3US TRIPPLITE-RBC58-3US Datasheet
158Kb / 2P
UPS Replacement Battery Cartridge (Set of 16 Batteries) for Select Tripp Lite SmartOnline UPS Systems, 192VDC, 3U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com