Electronic Components Datasheet Search
  English  ▼

X  

DSC8003 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC8003
Description  Programmable Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC8003 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC8003 Datasheet HTML 1Page - Micrel Semiconductor DSC8003 Datasheet HTML 2Page - Micrel Semiconductor DSC8003 Datasheet HTML 3Page - Micrel Semiconductor DSC8003 Datasheet HTML 4Page - Micrel Semiconductor DSC8003 Datasheet HTML 5Page - Micrel Semiconductor DSC8003 Datasheet HTML 6Page - Micrel Semiconductor DSC8003 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 2 |
MK-Q-B-P-D-090110-01-1
DSC8003 Series 1.8~3.3V
Programmable Low-Power Precision CMOS Oscillator
Absolute Maximum Ratings1
Item
Min.
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40 sec max.
ESD
HBM
MM
CDM
-
4000
200
1500
V
Ordering Code
Recommended Operating Conditions
Specifications (VDD = 1.8 to 3.3v) TA=850C unless otherwise specified
Notes:
1.
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be
operated beyond these limits.
2.
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical values.
3.
Measured over 50k clock cycles.
Parameter
Symbol
Range
Supply Voltage
VDD
1.71 – 3.60V
Output Load
ZL
R>10KΩ, C≤25pF
Operating Temperature
Option 1
Option 2
Option 3
T
-40 to +105 °C
-40 to +85 °C
-20 to +70 °C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency
f0
Single Frequency
1
150
MHz
Frequency Tolerance
Δf
Includes frequency
variations due to initial
tolerance, temperature
and power supply voltage
±10,±25,±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Supply Current, standby
IDD
T=25°C
15
uA
Output Startup Time2
tSU
T=25°C
1.0
1.3
ms
Output Disable Time
tDA
20
100
ns
Output Duty Cycle
SYM
45
55
%
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75*VDD
-
-
0.25* VDD
Volts
DSC8003
Family
CE1
Package, Temp
& Stability
-
T
Tape/
Reel
* See Ordering Information for details



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com