Electronic Components Datasheet Search
  English  ▼

X  

FSMD140RZ Datasheet(PDF) 1 Page - Fuzetec Technology Co., Ltd.

Part # FSMD140RZ
Description  Surface Mountable PTC Resettable Fuse: Low Rho FSMD1812 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD140RZ Datasheet(HTML) 1 Page - Fuzetec Technology Co., Ltd.

  FSMD140RZ Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 4Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ04-44E
Product Specification and Approval Sheet Version A2
Page
1/4
NOTE : Specification subject to change without notice.
2016/10/19
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1812 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) Product Features: Small surface mountable, Solid state, Faster time to trip than
standard SMD devices, Lower resistance than standard SMD devices
(d) Operation Current: 1.40A~6.00A
(e) Maximum Voltage: 6VDC
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜ V:
File No. R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
FSMD140RZ
1.40
3.60
6
100
1.0
8.0
3.00
0.0100
0.0350
FSMD190RZ
1.90
4.90
6
100
1.0
8.0
5.00
0.0030
0.0250
FSMD270RZ
2.70
6.20
6
100
1.0
13.5
3.00
0.0030
0.0230
FSMD300RZ
3.00
7.00
6
100
1.0
15.0
2.00
0.0030
0.0220
FSMD370RZ
3.70
9.10
6
100
1.0
18.5
2.00
0.0030
0.0180
FSMD500RZ
5.00
10.00
6
100
1.0
25.0
2.00
0.0015
0.0140
FSMD600RZ
6.00
12.00
6
100
1.0
30.0
3.00
0.0010
0.0100
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at it rated current.(I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin


Similar Part No. - FSMD140RZ

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSMD100-0603RZ FUZETEC-FSMD100-0603RZ Datasheet
169Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0603 Series
FSMD100-0805R FUZETEC-FSMD100-0805R Datasheet
180Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
logo
RFE international
FSMD100-0805R RFE-FSMD100-0805R Datasheet
338Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
logo
List of Unclassifed Man...
FSMD100-1206 ETC1-FSMD100-1206 Datasheet
104Kb / 4P
Surface Mount PTC FSMD1206 Series
logo
Fuzetec Technology Co.,...
FSMD100-1206R FUZETEC-FSMD100-1206R Datasheet
210Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
More results

Similar Description - FSMD140RZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD010-0402RZ FUZETEC-FSMD010-0402RZ Datasheet
171Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0402 Series
FSMD010-R FUZETEC-FSMD010-R Datasheet
243Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
FSMD025-0603RZ FUZETEC-FSMD025-0603RZ Datasheet
169Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0603 Series
FSMD050-1206RZ FUZETEC-FSMD050-1206RZ Datasheet
197Kb / 5P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1206 Series
FSMD075-0805RZ FUZETEC-FSMD075-0805RZ Datasheet
173Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0805 Series
FSMD175-1210RZ FUZETEC-FSMD175-1210RZ Datasheet
184Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1210 Series
logo
RFE international
FSMD0402 RFE-FSMD0402 Datasheet
356Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0402 Series
2021/04/09
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com