Electronic Components Datasheet Search
  English  ▼

X  

125621 Datasheet(PDF) 1 Page - Adels-Contact

Part # 125621
Description  1000 K/ 1 HT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

125621 Datasheet(HTML) 1 Page - Adels-Contact

  125621 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20/01/2020
Screw Connectors
1000 K/ 1 HT
Terminal Block, 1 pole, Insulating Material: PA 6.6-HT, Cross-Section: 6.0 mm², Pin Spacing: 12.0 mm,
Fixing: Screw, Voltage Rating: 500 V, Current Rating: 41 A
Order Info
Reference Number (ref. no.)
125621
Applications
Lighting, Installation, Electrical Appliances, Transformers
PU
0
Type
Type
Terminal Block
Number of poles
1 pole
Clamping Units per Pole
1
Colour
brown
Cross-Section
6.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
500 V
Current Rating
41 A
Insulating Material
PA 6.6-HT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
10.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
130 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.5-8.0 mm
Assembly Contact Screw
0.8x4.0 / 0.8 Nm
Pin Spacing
12.0 mm
Fixing
Screw
Approbation EN60998
1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 125621

ManufacturerPart #DatasheetDescription
logo
Heyco.
12562 HEYCO-12562 Datasheet
112Kb / 1P
Nylon Tapped Hex Spacers
logo
Evolt
12562 EKTOR-12562 Datasheet
340Kb / 3P
MERCURY PRO
5th of February 2025 04:22:17
logo
List of Unclassifed Man...
125620 ETC-125620 Datasheet
1Mb / 12P
Thermal Extrusions Cut to Length
logo
Adels-Contact
125622 ADELS-125622 Datasheet
146Kb / 2P
1000 K/ 2 HT
125623 ADELS-125623 Datasheet
151Kb / 2P
1000 K/ 3 HT
More results

Similar Description - 125621

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
125623 ADELS-125623 Datasheet
151Kb / 2P
1000 K/ 3 HT
125624 ADELS-125624 Datasheet
153Kb / 2P
1000 K/ 4 HT
125625 ADELS-125625 Datasheet
152Kb / 2P
1000 K/ 5 HT
125628 ADELS-125628 Datasheet
112Kb / 2P
1000 K/ 8 HT
125629 ADELS-125629 Datasheet
112Kb / 2P
1000 K/ 9 HT
125630 ADELS-125630 Datasheet
112Kb / 2P
1000 K/10 HT
125631 ADELS-125631 Datasheet
112Kb / 2P
1000 K/11 HT
125632 ADELS-125632 Datasheet
112Kb / 2P
1000 K/12 HT
125721 ADELS-125721 Datasheet
112Kb / 1P
1000 K/ 1 DS HT
125721M ADELS-125721M Datasheet
112Kb / 1P
1000 K/ 1 MDS HT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com