Electronic Components Datasheet Search
  English  ▼

X  

AB6F Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # AB6F
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

AB6F Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  AB6F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd AB6F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd AB6F Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere
AB2F THRU AB10F
FIG.2 FORWARD DERATING CURVE
Ambient Temperature, (°C )
FIG.4 PEAK FORWARD SURGE CURRENT
10
Number Of Cycles At 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
Percent Of Rated Peak Reverse Voltage, %
FIG.1 TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage, ( V )
RESISTIVE OR INDUCTIVE LOAD
0
25
50
125
100
75
150
0
0.25
0.5
0.75
1.0
GLASS
EPOXY
P.C.B
Aluminum Substrate
1.5
0.4
1.0
0.1
0.01
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
100000
120
100
80
40
20
10000
1000
100
10
1.0
60
140
0
TA=100°C
TA=25°C
35
30
25
20
15
10
5
0
100
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com