Electronic Components Datasheet Search
  English  ▼

X  

AB320S Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # AB320S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

AB320S Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  AB320S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd AB320S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Voltage Range - 40 to 200 V olts Current - 3.0 Ampere
AB34S THRU AB320S
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
TJ=25°C
TJ=100°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
TJ=75°C
10
Fig.4 Typical Junction Capacitance
0.1
Reverse Voltage (V)
10
100
200
500
20
50
100
1
AB32S/AB34S
AB36S-AB320S
TJ=25°C
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
20
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
AB34S
AB36S-AB320S
AB34S
AB36S/AB38S
AB310S
AB320S
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100
AB34S/AB36S
AB38S~AB320S
Single phase half-wave 60 Hz
resistive or inductive load
3.5
100LFM
Lead Temperature (
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com