Electronic Components Datasheet Search
  English  ▼

X  

1730625 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1730625
Description  EMKDS 2,5/ 3-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1730625 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1730625 Datasheet HTML 1Page - PHOENIX CONTACT 1730625 Datasheet HTML 2Page - PHOENIX CONTACT 1730625 Datasheet HTML 3Page - PHOENIX CONTACT 1730625 Datasheet HTML 4Page - PHOENIX CONTACT 1730625 Datasheet HTML 5Page - PHOENIX CONTACT 1730625 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
EMKDS 2,5/ 3-5,08
Order No.: 1730625
The illustration shows a 12-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1730625
 
 
PC terminal block, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 3, Type of connection: Screw
connection, Assembly: Press-in, Conductor/PCB connection direction:
0 °, Color: green
 
Commercial data
EAN
4017918116057
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00655 KG
Catalog page information
Page 19 (CC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Number of positions
3
Pin dimensions
1,4 mm
Hole diameter
1.45 mm


Similar Part No. - 1730625

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173060 FESTO-173060 Datasheet
102Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1730609 PHOENIX-1730609 Datasheet
78Kb / 5P
PCB terminal block - MKDSD 2,5/12-5,08
1730612 PHOENIX-1730612 Datasheet
204Kb / 6P
EMKDS 2,5/ 2-5,08
logo
Festo Corporation.
173063 FESTO-173063 Datasheet
98Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1730638 PHOENIX-1730638 Datasheet
204Kb / 6P
EMKDS 2,5/ 4-5,08
More results

Similar Description - 1730625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730612 PHOENIX-1730612 Datasheet
204Kb / 6P
EMKDS 2,5/ 2-5,08
1730638 PHOENIX-1730638 Datasheet
204Kb / 6P
EMKDS 2,5/ 4-5,08
1730641 PHOENIX-1730641 Datasheet
204Kb / 6P
EMKDS 2,5/ 5-5,08
1730654 PHOENIX-1730654 Datasheet
204Kb / 6P
EMKDS 2,5/ 6-5,08
1730667 PHOENIX-1730667 Datasheet
204Kb / 6P
EMKDS 2,5/ 7-5,08
1730670 PHOENIX-1730670 Datasheet
204Kb / 6P
EMKDS 2,5/ 8-5,08
1730683 PHOENIX-1730683 Datasheet
204Kb / 6P
EMKDS 2,5/ 9-5,08
1730696 PHOENIX-1730696 Datasheet
204Kb / 6P
EMKDS 2,5/10-5,08
1730706 PHOENIX-1730706 Datasheet
204Kb / 6P
EMKDS 2,5/11-5,08
1730719 PHOENIX-1730719 Datasheet
204Kb / 6P
EMKDS 2,5/12-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com