Electronic Components Datasheet Search
  English  ▼

X  

M2G Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # M2G
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

M2G Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  M2G Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd M2G Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd M2G Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT GENERAL RECTIFIER
DN:T19125A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
M1G THRU M7G
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
250 C/10 seconds at terminals
DO-214AC/SMA
Dimensions in inches and (millimeters)
0.208(5.30)
0.067 (1.70)
0.051 (1.30)
0.177(4.50)
0.15
7(3.99)
0.110(2.80)
0.094(2.40)
0.060(1.52)
0.030(0.76)
0.188(4.80)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.09
6(2.42)
0.078(
1.98)
Case
: JEDEC DO-214AC/SMA Molded plastic body
Terminals
: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity
: Polarity symbol marking on body
Mounting Position
: Any
Weight
: 0.0023 ounce, 0.07 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum repetitive peak reverse voltage
200
400
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
800
1000
V
Maximum average forward rectified current
at TL=110℃
I(AV)
1.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current
at rated DC blocking voltage
TA=25℃
TA=125℃
IR
5.0
50.0
Typical junction capacitance (NOTE 1)
CJ
15.0
pF
Typical thermal resistance (NOTE 2)
RθJA
65.0
℃/
W
M2G
M3G
UNITS
Parameter
M4G
M5G
M6G
M7G
MDD
M2
MDD
M3
MDD
M4
MDD
M5
MDD
M6
MDD
M7
SYMBOLS
1.10
μA
TJ,TSTG
-55 to +150
℃
Operating junction and storage temperature range
Maximum Ratings And Electrical Characteristics
VRMM
MDD
Marking Code
M1
M1G
50
35
50
100
600
420
600
Note:
1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.Mounted on 10cm x 10cm x 1mm copper pad area
3.The typical data above is for reference only.


Similar Part No. - M2G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2G MACOM-M2G Datasheet
349Kb / 3P
Double-Balanced Mixer
logo
SEMTECH ELECTRONICS LTD...
M2G SEMTECH_ELEC-M2G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
M/A-COM Technology Solu...
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
logo
Shanghai Shunye Electro...
M2G SHUNYE-M2G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
More results

Similar Description - M2G

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com