Electronic Components Datasheet Search
  English  ▼

X  

DSC1102 Datasheet(PDF) 25 Page - Microchip Technology

Part # DSC1102
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102 Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSC1102 Datasheet HTML 20Page - Microchip Technology DSC1102 Datasheet HTML 21Page - Microchip Technology DSC1102 Datasheet HTML 22Page - Microchip Technology DSC1102 Datasheet HTML 23Page - Microchip Technology DSC1102 Datasheet HTML 24Page - Microchip Technology DSC1102 Datasheet HTML 25Page - Microchip Technology DSC1102 Datasheet HTML 26Page - Microchip Technology DSC1102 Datasheet HTML 27Page - Microchip Technology DSC1102 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2019 Microchip Technology Inc.
DS20006254A-page 25
DSC1102/22
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSC1102AE1-053.5000:
DSC1102,
6-Lead 7x5 VDFN,
Ext. Commercial
Temp. Range, ±50 ppm
Stability, 53.5 MHz
Frequency, Tube
b) DSC1122BI2-246.8100T:
DSC1122,
6-Lead 5x3.2 CDFN,
Industrial Temp. Range,
±25 ppm Stability,
246.81 MHz Frequency,
1000/Reel
c) DSC1102CL5-156.2500:
DSC1102,
6-Lead 3.2x2.5 VDFN,
Ext. Industrial
Temp. Range, ±10 ppm
Stability, 156.25 MHz
Frequency, Tube
d) DSC1122DE3-094.5500T: DSC1122,
6-Lead 2.5x2.0 VDFN,
Industrial Temp. Range,
±20 ppm Stability,
94.55 MHz Frequency,
1000/Reel
PART NO.
X
X
Packaging
Stability
Device
Device:
DSC1102:
Low-Jitter Precision LVPECL Oscillator with
Standby Pin
DSC1122:
Low-Jitter Precision LVPECL Oscillator with
Output Enable
Package:
A
=
6-Lead 7.0 mm x 5.0 mm VDFN
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm VDFN
D
=
6-Lead 2.5 mm x 2.0 mm VDFN
N
=
6-Lead 7.0 mm x 5.0 mm VDFN w/o center
pad
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
Stability:
1
=
±50 ppm
2
=
±25 ppm
3
=
±20 ppm
5
=
±10 ppm
Frequency:
xxx.xxxx = 2.3 MHz to 460 MHz (User Defined)
Packing Option:
<blank>=
Tube
T
=
1000/Reel
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
X
Temperature
Range
-XXX.XXXX
Frequency
Option
Note:
Please visit the Microchip ClockWorks® Configurator to configure
the part number for customized frequency.
http://clockworks.microchip.com/timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com