Electronic Components Datasheet Search
  English  ▼

X  

1217GC Datasheet(PDF) 1 Page - Adels-Contact

Part # 1217GC
Description  230 K/12 DS GW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

1217GC Datasheet(HTML) 1 Page - Adels-Contact

  1217GC Datasheet HTML 1Page - Adels-Contact 1217GC Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02/2020
Screw Connectors
230 K/12 DS GW
Terminal Block, 12 pole, Insulating Material: PA 6-GW, Cross-
Section: 2.5 mm², Pin Spacing: 8.0 mm, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
1217GC
Applications
Lighting, Installation, Electrical Appliances
PU
0
Type
Type
Terminal Block
Number of poles
12 pole
Clamping Units per Pole
1
Colour
white
Cross-Section
2.5 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6-GW
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
5.0-5.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
8.0 mm
Fixing
Screw
Approbation EN60998
200_230_EN60998_20012012_VDE_ENEC_40034813_web.pdf
Approbation UL
230_19820924_20120103_UL_E63492_1-02_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 1217GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1217G1 ADELS-1217G1 Datasheet
116Kb / 2P
230 K/ 1 DS GW
1217G2 ADELS-1217G2 Datasheet
117Kb / 2P
230 K/ 2 DS GW
1217G3 ADELS-1217G3 Datasheet
117Kb / 2P
230 K/ 3 DS GW
1217G4 ADELS-1217G4 Datasheet
118Kb / 2P
230 K/ 4 DS GW
1217G5 ADELS-1217G5 Datasheet
118Kb / 2P
230 K/ 5 DS GW
More results

Similar Description - 1217GC

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1213GC ADELS-1213GC Datasheet
121Kb / 2P
230/12 DS GW
1217G1 ADELS-1217G1 Datasheet
116Kb / 2P
230 K/ 1 DS GW
1217G2 ADELS-1217G2 Datasheet
117Kb / 2P
230 K/ 2 DS GW
1217G3 ADELS-1217G3 Datasheet
117Kb / 2P
230 K/ 3 DS GW
1217G4 ADELS-1217G4 Datasheet
118Kb / 2P
230 K/ 4 DS GW
1217G6 ADELS-1217G6 Datasheet
118Kb / 2P
230 K/ 6 DS GW
1217G7 ADELS-1217G7 Datasheet
119Kb / 2P
230 K/ 7 DS GW
1217G8 ADELS-1217G8 Datasheet
119Kb / 2P
230 K/ 8 DS GW
1217GA ADELS-1217GA Datasheet
120Kb / 2P
230 K/10 DS GW
1217GB ADELS-1217GB Datasheet
121Kb / 2P
230 K/11 DS GW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com