Electronic Components Datasheet Search
  English  ▼

X  

TMP64 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP64
Description  TMP64 47-k廓 Linear Thermistor With 0402 Package Option
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP64 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP64 Datasheet HTML 3Page - Texas Instruments TMP64 Datasheet HTML 4Page - Texas Instruments TMP64 Datasheet HTML 5Page - Texas Instruments TMP64 Datasheet HTML 6Page - Texas Instruments TMP64 Datasheet HTML 7Page - Texas Instruments TMP64 Datasheet HTML 8Page - Texas Instruments TMP64 Datasheet HTML 9Page - Texas Instruments TMP64 Datasheet HTML 10Page - Texas Instruments TMP64 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RBias
VBias
VTemp
RTMP64
VTemp
RTMP64
IBias
7
TMP64
www.ti.com
SNIS212 – DECEMBER 2019
Product Folder Links: TMP64
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP64 series of silicon linear thermistors has a linear positive temperature coefficient (PTC) that results in a
uniform and consistent temperature coefficient resistance (TCR) across a wide operating temperature range. To
fabricate the TMP64, a special silicon process is used where the devices key characteristics—the temperature
coefficient resistance (TCR) and nominal resistance (R25)—are controlled by the doping level and active region
area. Note that the TMP64 has an active area and a substrate due to the polarized terminals of the device. The
positive terminal should be connected to the highest potential, while the negative terminal should be connected
to the lowest potential.
The TMP64 is different from a NTC, where a NTC is a purely resistive device, the TMP64's resistance is affected
by the current across the part and changes with temperature. In a voltage divider circuit, it is recommended that
the top resistor is kept at 47 kΩ. Changing the top resistor or the VBIAS changes the resistance vs temperature
table (R-T table) of the TMP64, and subsequently the polynomials as described in . Consult the TMP64 R-T table
section for more information.
Equation 1 can help the user approximate the TCR.
TCR (ppm/°C) = (RT2 – RT1) / ((T2 – T1) × R(T2+T1)/2)
(1)
Below are the definitions of the key terms used throughout this document:
•
ISNS: Current flowing through the TMP64.
•
VSNS: Voltage across the two TMP64 terminals.
•
IBias: Current supplied by the biasing circuit.
•
VBias: Voltage supplied by the biasing circuit.
•
VTemp: Output voltage that corresponds to the measured temperature. Note that this is different from VSns. In
the use case of a voltage divider circuit with the TMP64 in the high side, VTemp is taken across RBias.
7.2 Functional Block Diagram
Figure 5. Typical Implementation Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com