Electronic Components Datasheet Search
  English  ▼

X  

V805ME02 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V805ME02
Description  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V805ME02 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V805ME02 Datasheet HTML 1Page - Z-Communications, Inc V805ME02 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-125
-115
-105
-95
-85
-75
-65
-55
-45
-35
100
1K
10K
100K
V805ME02
Broadcast Communications
Satellite Communications
Earthstations
10
18
8.5±2.5
2500 2700
1.5-10.5
41
-98
-15
<20
<2
50
50
-40 to 70
-
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input C apacitance (max.)
Pushing
Pulling (14 dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
MINI-14H
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All s pecif ic at ions are ty pical unles s otherw is e not ed and s ubject to change w ithout notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Com municati ons, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
Ω
FEAT URES
APPLICATION S
PERFORMANCE SPECIFICATION S
VALU E
UNIT S
POWER SUPPLY REQUIREMENT S
APPLICATION N OTES
2500 2700
-
MHz
• Frequency Range:
• Tuning Voltage:
1.5-10.5 Vdc
- Style Package
MINI-14H
•
•
•
•
D4
Rev
•
AN-100/1 : Mounting and Grounding of VCOs
•
AN-102 : Proper Output Loading of VCOs
•
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (619) 621-2700 FAX (619) 621-2722


Similar Part No. - V805ME02

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V805ME02-LF ZCOMM-V805ME02-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
V805ME02-LF ZCOMM-V805ME02-LF Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V805ME02-LF ZCOMM-V805ME02-LF Datasheet
79Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V805ME02-LF ZCOMM-V805ME02-LF_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V805ME02

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0700E ZCOMM-CLV0700E Datasheet
94Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0798A ZCOMM-CLV0798A Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1000E ZCOMM-CLV1000E Datasheet
68Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1015E ZCOMM-CLV1015E Datasheet
69Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1085E ZCOMM-CLV1085E Datasheet
163Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1150L ZCOMM-CLV1150L Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1320E ZCOMM-CLV1320E Datasheet
67Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV1550E ZCOMM-CLV1550E Datasheet
162Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV0128A ZCOMM-SMV0128A Datasheet
140Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV2490L ZCOMM-SMV2490L Datasheet
130Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com